Electronic Components Datasheet Search
  English  ▼

X  

LM2937 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM2937
Description  500-mA Low Dropout Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2937 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM2937 Datasheet HTML 8Page - Texas Instruments LM2937 Datasheet HTML 9Page - Texas Instruments LM2937 Datasheet HTML 10Page - Texas Instruments LM2937 Datasheet HTML 11Page - Texas Instruments LM2937 Datasheet HTML 12Page - Texas Instruments LM2937 Datasheet HTML 13Page - Texas Instruments LM2937 Datasheet HTML 14Page - Texas Instruments LM2937 Datasheet HTML 15Page - Texas Instruments LM2937 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
LM2937
SNVS100F – MARCH 2000 – REVISED JULY 2014
www.ti.com
7.4 Device Functional Modes
The LM2937 design does not include any undervoltage lock-out (UVLO), or enable functions. Generally, the
output voltage will track the input voltage until the input voltage is greater than VOUT + 1V. When the input
voltage is greater than VOUT + 1V the LM2937 will be in linear operation, and the output voltage will be regulated;
however, the device will be sensitive to any small perturbation of the input voltage. Device dynamic performance
is improved when the input voltage is at least 2 V greater than the output voltage.
12
Submit Documentation Feedback
Copyright © 2000–2014, Texas Instruments Incorporated
Product Folder Links: LM2937



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com