Electronic Components Datasheet Search
  English  ▼

X  

LM2937 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LM2937
Description  500-mA Low Dropout Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2937 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM2937 Datasheet HTML 12Page - Texas Instruments LM2937 Datasheet HTML 13Page - Texas Instruments LM2937 Datasheet HTML 14Page - Texas Instruments LM2937 Datasheet HTML 15Page - Texas Instruments LM2937 Datasheet HTML 16Page - Texas Instruments LM2937 Datasheet HTML 17Page - Texas Instruments LM2937 Datasheet HTML 18Page - Texas Instruments LM2937 Datasheet HTML 19Page - Texas Instruments LM2937 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
LM2937
SNVS100F – MARCH 2000 – REVISED JULY 2014
www.ti.com
Figure 21. RθJA vs. Copper (1 ounce) Area for the DDPAK/TO-263 Package
As shown in Figure 21, increasing the copper area beyond 1 square inch produces very little improvement. It
should also be observed that the minimum value of RθJA for the DDPAK/TO-263 package mounted to a PCB is
32°C/W.
As a design aid, Figure 22 shows the maximum allowable power dissipation compared to ambient temperature
for the DDPAK/TO-263 device (assuming RθJA is 35°C/W and the maximum junction temperature is 125°C).
Figure 22. Maximum Power Dissipation vs. TAMB for the DDPAK/TO-263 Package
Figure 23 and Figure 24 show information for the SOT-223 package. Figure 24 assumes an RθJA of 74°C/W for 1
ounce copper and 51°C/W for 2 ounce copper and a maximum junction temperature of 85°C.
16
Submit Documentation Feedback
Copyright © 2000–2014, Texas Instruments Incorporated
Product Folder Links: LM2937



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com