Electronic Components Datasheet Search
  English  ▼

X  

LM2937 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM2937
Description  500-mA Low Dropout Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2937 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM2937 Datasheet HTML 9Page - Texas Instruments LM2937 Datasheet HTML 10Page - Texas Instruments LM2937 Datasheet HTML 11Page - Texas Instruments LM2937 Datasheet HTML 12Page - Texas Instruments LM2937 Datasheet HTML 13Page - Texas Instruments LM2937 Datasheet HTML 14Page - Texas Instruments LM2937 Datasheet HTML 15Page - Texas Instruments LM2937 Datasheet HTML 16Page - Texas Instruments LM2937 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
LM2937
www.ti.com
SNVS100F – MARCH 2000 – REVISED JULY 2014
8 Application and Implementation
8.1 Application Information
Figure 18 shows the typical application circuit for the LM2937. The output capacitor, COUT, must have a
capacitance value of at least 10 µF with an ESR of at least 10 m
Ω, but no more than 3 Ω. The minimum
capacitance value, and the ESR requirements apply across the entire expected operating ambient temperature
range.
8.2 Typical Application
Figure 18. LM2937 Typical Application
*Required if the regulator is located more than 3 inches from the power-supply-filter capacitors.
**Required for stability. COUT must be at least 10 µF (over full expected operating temperature range) and
located as close as possible to the regulator. The equivalent series resistance, ESR, of this capacitor may be
as high as 3
Ω.
8.2.1 Design Requirements
For this design example, use the parameters listed in Table 1:
Table 1. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Output voltage
8 V
Input voltage
10 V to 26 V
5 mA to IOUT(MAX) (see Electrical Characteristics: LM2937-5, Electrical
Characteristics: LM2937-8, Electrical Characteristics: LM2937-10,
Output current requirement
Electrical Characteristics: LM2937-12, Electrical Characteristics:
LM2937-15 for details)
Input capacitor value
0.1 µF
Output capacitor capacitance
10 µF minimum
value
Output capacitor ESR value
0.01
Ω to 3 Ω
8.2.2 Detailed Design Procedure
8.2.2.1 External Capacitors
The output capacitor is critical to maintaining regulator stability, and must meet the required conditions for both
Equivalent Series Resistance (ESR) and minimum amount of capacitance.
Minimum Capacitance:
The minimum output capacitance required to maintain stability is 10
μF. (This value may be increased without
limit.) Larger values of output capacitance will give improved transient response.
ESR Limits:
The ESR of the output capacitor will cause loop instability if it is too high or too low. The acceptable range of
ESR plotted versus load current is shown in the graph below. It is essential that the output capacitor meet
these requirements, or oscillations can result.
Copyright © 2000–2014, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM2937



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com