Electronic Components Datasheet Search
  English  ▼

X  

LM2937 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM2937
Description  500-mA Low Dropout Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2937 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM2937 Datasheet HTML 5Page - Texas Instruments LM2937 Datasheet HTML 6Page - Texas Instruments LM2937 Datasheet HTML 7Page - Texas Instruments LM2937 Datasheet HTML 8Page - Texas Instruments LM2937 Datasheet HTML 9Page - Texas Instruments LM2937 Datasheet HTML 10Page - Texas Instruments LM2937 Datasheet HTML 11Page - Texas Instruments LM2937 Datasheet HTML 12Page - Texas Instruments LM2937 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
LM2937
www.ti.com
SNVS100F – MARCH 2000 – REVISED JULY 2014
Typical Characteristics (continued)
Figure 8. Load Transient Response
Figure 7. Line Transient Response
Figure 9. Ripple Rejection
Figure 10. Output Impedence
Figure 12. Maximum Power Dissipation (DDPAK/TO-263)
Figure 11. Maximum Power Dissipation (TO-220)1
1. The maximum allowable power dissipation at any ambient temperature is PMAX = (125°C − TA)/RθJA, where 125 is
the maximum junction temperature for operation, TA is the ambient temperature, and RθJA is the junction-to-ambient
thermal resistance. If this dissipation is exceeded, the die temperature will rise above 125°C and the electrical
specifications do not apply. If the die temperature rises above 150°C, the LM2937 will go into thermal shutdown.
Copyright © 2000–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM2937



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com