Electronic Components Datasheet Search
  English  ▼

X  

LP2986 Datasheet(PDF) 4 Page - Texas Instruments

Part # LP2986
Description  LP2986 Micropower, 200-mA Ultra-Low-Dropout Fixed or Adjustable Voltage Regulator
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2986 Datasheet(HTML) 4 Page - Texas Instruments

  LP2986_15 Datasheet HTML 1Page - Texas Instruments LP2986_15 Datasheet HTML 2Page - Texas Instruments LP2986_15 Datasheet HTML 3Page - Texas Instruments LP2986_15 Datasheet HTML 4Page - Texas Instruments LP2986_15 Datasheet HTML 5Page - Texas Instruments LP2986_15 Datasheet HTML 6Page - Texas Instruments LP2986_15 Datasheet HTML 7Page - Texas Instruments LP2986_15 Datasheet HTML 8Page - Texas Instruments LP2986_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
LP2986
SNVS137I – MARCH 1999 – REVISED SEPTEMBER 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
Input supply voltage (survival)
–0.3
16
V
Input supply voltage (operating)
2.1
16
V
SHUTDOWN pin
–0.3
16
V
FEEDBACK pin
–0.3
5
V
Output voltage (survival)(3)
–0.3
16
V
IOUT (survival)
Short-circuit protected
Input-output voltage (survival)(4)
–0.3
16
V
Power dissipation(5)
Internally limited
Storage temperature, Tstg
−65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
If Military/Aerospace specified devices are required, contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
If used in a dual-supply system where the regulator load is returned to a negative supply, the LM2986 output must be diode-clamped to
ground.
(4)
The output PNP structure contains a diode between the IN and OUT pins that is normally reverse-biased. Forcing the output above the
input will turn on this diode and may induce a latch-up mode which can damage the part (see Reverse Input-Output Voltage).
(5)
The maximum allowable power dissipation is a function of the maximum junction temperature, TJ(MAX), the junction-to-ambient thermal
resistance, RθJA, and the ambient temperature, TA. The maximum allowable power dissipation at any ambient temperature is calculated
using: P(MAX) = TJ(MAX) – TA / RθJA
For improved thermal resistance and power dissipation for the WSON package, refer to Texas Instruments Application Note Leadless
Leadframe Package (LLP) (SNOA401). Exceeding the maximum allowable power dissipation will cause excessive die temperature, and
the regulator will go into thermal shutdown.
6.2 ESD Ratings
VALUE
UNIT
All pins except
±2000
FEEDBACK, IN, and TAP
Human-body model (HBM), per
FEEDBACK pin
±500
V(ESD)
Electrostatic discharge
V
ANSI/ESDA/JEDEC JS-001(1)
IN pin
±1000
TAP pin
±1500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Supply input voltage
2.1
16
V
Enable input voltage
0
16
V
Output current
200
mA
Operating junction temperature
−40
125
°C
4
Submit Documentation Feedback
Copyright © 1999–2015, Texas Instruments Incorporated
Product Folder Links: LP2986



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com