Electronic Components Datasheet Search
  English  ▼

X  

LP2986 Datasheet(PDF) 1 Page - Texas Instruments

Part # LP2986
Description  LP2986 Micropower, 200-mA Ultra-Low-Dropout Fixed or Adjustable Voltage Regulator
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2986 Datasheet(HTML) 1 Page - Texas Instruments

  LP2986_15 Datasheet HTML 1Page - Texas Instruments LP2986_15 Datasheet HTML 2Page - Texas Instruments LP2986_15 Datasheet HTML 3Page - Texas Instruments LP2986_15 Datasheet HTML 4Page - Texas Instruments LP2986_15 Datasheet HTML 5Page - Texas Instruments LP2986_15 Datasheet HTML 6Page - Texas Instruments LP2986_15 Datasheet HTML 7Page - Texas Instruments LP2986_15 Datasheet HTML 8Page - Texas Instruments LP2986_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LP2986
SNVS137I – MARCH 1999 – REVISED SEPTEMBER 2015
LP2986 Micropower, 200-mA Ultra-Low-Dropout Fixed or Adjustable Voltage Regulator
1 Features
3 Description
The
LP2986
is
a
200-mA
high-precision
LDO
1
•
Wide Supply Voltage Range (16 V Maximum)
regulator with a wide input voltage supply. The device
•
Ultra-Low-Dropout Voltage
has two output voltage modes: a fixed-precision
•
0.5% Output Voltage Accuracy (A Grade)
output mode and an adjustable output voltage via an
external resistive divider.
•
Ensured 200-mA Output Current
•
< 1-
μA Quiescent Current when Shutdown
Using an optimized Vertically Integrated PNP (VIP)
process, the LP2986 delivers superior performance:
•
Low GROUND Pin Current at All Loads
•
Dropout Voltage: Typically 180 mV at 200-mA
•
High Peak Current Capability (400 mA Typical)
load, and 1 mV at 1-mA load.
•
Overtemperature/Overcurrent Protection
•
GROUND Pin Current: Typically 1 mA at 200-mA
•
−40°C to +125°C Junction Temperature Range
load, and 200
μA at 10-mA load.
•
Sleep Mode: The LP2986 draws less than 1
μA
2 Applications
quiescent current when SHUTDOWN pin is pulled
low.
•
Cellular Phones
•
ERROR Flag: The built-in ERROR flag goes low
•
Palmtop/Laptop Computers
when the output drops approximately 5% below
•
Camcorders, Personal Stereos, Cameras
nominal.
•
Precision Output: The standard product versions
available can be pin-strapped (using the internal
resistive divider) to provide output voltages of 5 V,
3.3 V, or 3 V with ensured accuracy of 0.5% (A
grade)
and
1%
(standard
grade)
at
room
temperature.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SOIC (8)
4.90 mm × 3.91 mm
LP2986
VSSOP (8)
3.00 mm × 3.00 mm
WSON (8)
4.00 mm × 4.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LP2986_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2986AILD-3.3 TI-LP2986AILD-3.3 Datasheet
1Mb / 26P
Micropower, 200 mA Ultra Low-Dropout Fixed or Adjustable Voltage Regulator
LP2986AILD-3.3 TI-LP2986AILD-3.3 Datasheet
1Mb / 26P
Micropower, 200 mA Ultra Low-Dropout Fixed or Adjustable Voltage Regulator
LP2986AILD-3.3/NOPB TI1-LP2986AILD-3.3/NOPB Datasheet
1Mb / 33P
Micropower, 200-mA Ultra-Low-Dropout Fixed or Adjustable Voltage Regulator
LP2986AILDX-3.3 TI-LP2986AILDX-3.3 Datasheet
1Mb / 26P
Micropower, 200 mA Ultra Low-Dropout Fixed or Adjustable Voltage Regulator
LP2986AILDX-3.3 TI-LP2986AILDX-3.3 Datasheet
1Mb / 26P
Micropower, 200 mA Ultra Low-Dropout Fixed or Adjustable Voltage Regulator
More results

Similar Description - LP2986_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2981 NSC-LP2981 Datasheet
406Kb / 16P
Micropower 100 mA Ultra Low-Dropout Regulator
LP2986 NSC-LP2986 Datasheet
412Kb / 14P
Micropower, 200 mA Ultra Low-Dropout Fixed or Adjustable Voltage Regulator
LP2980-ADJ NSC-LP2980-ADJ Datasheet
223Kb / 9P
Micropower SOT, 50 mA Ultra Low-Dropout Adjustable Voltage Regulator
LP2980-ADJEP NSC-LP2980-ADJEP Datasheet
280Kb / 10P
Micropower SOT, 50 mA Ultra Low-Dropout Adjustable Voltage Regulator
logo
Texas Instruments
LP2986AIM-5.0 TI-LP2986AIM-5.0 Datasheet
1Mb / 26P
Micropower, 200 mA Ultra Low-Dropout Fixed or Adjustable Voltage Regulator
LP2986ILD-3.3 TI-LP2986ILD-3.3 Datasheet
1Mb / 26P
Micropower, 200 mA Ultra Low-Dropout Fixed or Adjustable Voltage Regulator
LP2986 TI1-LP2986 Datasheet
1Mb / 33P
Micropower, 200-mA Ultra-Low-Dropout Fixed or Adjustable Voltage Regulator
LP2987 TI1-LP2987 Datasheet
1Mb / 30P
Micropower, 200 mA Ultra Low-Dropout Voltage Regulator
LP3981 TI1-LP3981_16 Datasheet
1Mb / 25P
Micropower, 300-mA Ultra-Low-Dropout CMOS Voltage Regulator
LP3988 TI1-LP3988 Datasheet
1Mb / 25P
Micropower, 150-mA Ultra-Low-Dropout CMOS Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com