Electronic Components Datasheet Search
  English  ▼

X  

LP2986 Datasheet(PDF) 11 Page - Texas Instruments

Part # LP2986
Description  LP2986 Micropower, 200-mA Ultra-Low-Dropout Fixed or Adjustable Voltage Regulator
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2986 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP2986_15 Datasheet HTML 7Page - Texas Instruments LP2986_15 Datasheet HTML 8Page - Texas Instruments LP2986_15 Datasheet HTML 9Page - Texas Instruments LP2986_15 Datasheet HTML 10Page - Texas Instruments LP2986_15 Datasheet HTML 11Page - Texas Instruments LP2986_15 Datasheet HTML 12Page - Texas Instruments LP2986_15 Datasheet HTML 13Page - Texas Instruments LP2986_15 Datasheet HTML 14Page - Texas Instruments LP2986_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
LP2986
www.ti.com
SNVS137I – MARCH 1999 – REVISED SEPTEMBER 2015
Typical Characteristics (continued)
Unless otherwise specified: TA = 25°C, COUT = 4.7 µF, CIN = 2.2 µF, SD is tied to VIN, VIN = VO(NOM) + 1 V, IL = 1 mA.
Figure 20. Input-to-Output Leakage vs Temperature
Figure 19. Shutdown Voltage vs Temperature
Figure 22. Output Impedance vs Frequency
Figure 21. Output Noise Density
Figure 23. Output Impedance vs Frequency
Figure 24. Ripple Rejection
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LP2986



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com