Electronic Components Datasheet Search
  English  ▼

X  

LP2986 Datasheet(PDF) 18 Page - Texas Instruments

Part # LP2986
Description  LP2986 Micropower, 200-mA Ultra-Low-Dropout Fixed or Adjustable Voltage Regulator
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2986 Datasheet(HTML) 18 Page - Texas Instruments

Back Button LP2986_15 Datasheet HTML 14Page - Texas Instruments LP2986_15 Datasheet HTML 15Page - Texas Instruments LP2986_15 Datasheet HTML 16Page - Texas Instruments LP2986_15 Datasheet HTML 17Page - Texas Instruments LP2986_15 Datasheet HTML 18Page - Texas Instruments LP2986_15 Datasheet HTML 19Page - Texas Instruments LP2986_15 Datasheet HTML 20Page - Texas Instruments LP2986_15 Datasheet HTML 21Page - Texas Instruments LP2986_15 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
VIN
VOUT
PNP
GND
SCHOTTKY DIODE
LP2986
VIN
VOUT
PNP
GND
LP2986
LP2986
SNVS137I – MARCH 1999 – REVISED SEPTEMBER 2015
www.ti.com
A typical aluminum electrolytic can exhibit an ESR increase of 50× when going from +20°C to
−40°C. Also, some
aluminum electrolytics can not be used below
−25°C because the electrolyte will freeze.
8.2.2.4 Reverse Input-Output Voltage
The PNP power transistor used as the pass element in the LP2986 has an inherent diode connected between
the regulator output and input.
During normal operation (where the input voltage is higher than the output) this diode is reverse-biased.
However, if the output voltage is pulled above the input, or the input voltage is pulled below the output, this diode
will turn ON and current will flow into the regulator OUT pin.
Figure 33. Inherent Diode
In such cases, a parasitic SCR can latch which will allow a high current to flow into VIN (and out the GROUND
pin), which can damage the part.
In any application where the output voltage may be higher than the input, an external Schottky diode must be
connected from VIN to VOUT (cathode on VIN, anode on VOUT), to limit the reverse voltage across the LP2986 to
0.3 V (see Absolute Maximum Ratings).
Figure 34. Inherent and External Schottky Diodes
8.2.2.5 WSON Package Devices
The LP2986 is offered in the 8-pin WSON surface mount package to allow for increased power dissipation
compared to the 8-pin SOIC-8 and 8-pin VSSOP. For details on WSON thermal performance as well as
mounting and soldering specifications, refer to WSON Mounting.
18
Submit Documentation Feedback
Copyright © 1999–2015, Texas Instruments Incorporated
Product Folder Links: LP2986



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com