Electronic Components Datasheet Search
  English  ▼

X  

LP2986 Datasheet(PDF) 20 Page - Texas Instruments

Part # LP2986
Description  LP2986 Micropower, 200-mA Ultra-Low-Dropout Fixed or Adjustable Voltage Regulator
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2986 Datasheet(HTML) 20 Page - Texas Instruments

Back Button LP2986_15 Datasheet HTML 16Page - Texas Instruments LP2986_15 Datasheet HTML 17Page - Texas Instruments LP2986_15 Datasheet HTML 18Page - Texas Instruments LP2986_15 Datasheet HTML 19Page - Texas Instruments LP2986_15 Datasheet HTML 20Page - Texas Instruments LP2986_15 Datasheet HTML 21Page - Texas Instruments LP2986_15 Datasheet HTML 22Page - Texas Instruments LP2986_15 Datasheet HTML 23Page - Texas Instruments LP2986_15 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
SHUTDOWN
SENSE
OUT
IN
DAP
1
2
3
4
8
7
6
5
ERROR
FEEDBACK
GND
Error Pullup
Resistor
CIN
COUT
TAP
R2
R1
CF
GND
SHUTDOWN
SENSE
OUT
TAP
IN
DAP
1
2
3
4
8
7
6
5
ERROR
FEEDBACK
GND
Error Resistor
CIN
COUT
LP2986
SNVS137I – MARCH 1999 – REVISED SEPTEMBER 2015
www.ti.com
10 Layout
10.1 Layout Guidelines
For best overall performance, place all circuit components on the same side of the circuit board and as near as
practical to the respective LDO pin connections. Place ground return connections to the input and output
capacitor, and to the LDO ground pin as close to each other as possible, connected by a wide, component-side,
copper surface. The use of vias and long traces to create LDO circuit connections is strongly discouraged and
negatively affects system performance. This grounding and layout scheme minimizes inductive parasitics, and
thereby reduces load-current transients, minimizes noise, and increases circuit stability. A ground reference
plane is also recommended and is either embedded in the PCB itself or located on the bottom side of the PCB
opposite the components. This reference plane serves to assure accuracy of the output voltage, shield noise,
and behaves similar to a thermal plane to spread (or sink) heat from the LDO device. In most applications, this
ground plane is necessary to meet thermal requirements.
10.2 Layout Examples
Figure 39. WSON Layout with Internal Resistor Divider
Figure 40. WSON Layout with External Resistor Divider
20
Submit Documentation Feedback
Copyright © 1999–2015, Texas Instruments Incorporated
Product Folder Links: LP2986



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com