Electronic Components Datasheet Search
  English  ▼

X  

LP2986 Datasheet(PDF) 16 Page - Texas Instruments

Part # LP2986
Description  LP2986 Micropower, 200-mA Ultra-Low-Dropout Fixed or Adjustable Voltage Regulator
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2986 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LP2986_15 Datasheet HTML 12Page - Texas Instruments LP2986_15 Datasheet HTML 13Page - Texas Instruments LP2986_15 Datasheet HTML 14Page - Texas Instruments LP2986_15 Datasheet HTML 15Page - Texas Instruments LP2986_15 Datasheet HTML 16Page - Texas Instruments LP2986_15 Datasheet HTML 17Page - Texas Instruments LP2986_15 Datasheet HTML 18Page - Texas Instruments LP2986_15 Datasheet HTML 19Page - Texas Instruments LP2986_15 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
LP2986
SNVS137I – MARCH 1999 – REVISED SEPTEMBER 2015
www.ti.com
Typical Applications (continued)
8.2.1 Design Requirements
For typical ultra-low-dropout linear regulator applications, use the parameters listed in Table 1.
Table 1. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Input voltage
4.3 V
Output voltage
3.3 V
Output current
200 mA (maximum)
RMS noise, 300 Hz to 50 kHz
150 µVRMS typical
PSRR at 1 kHz
65 dB typical
8.2.2 Detailed Design Procedure
8.2.2.1 Using an External Resistive Divider
The LP2986 output voltage can be programmed using an external resistive divider. Figure 30 shows a typical
circuit application using external resistive divider.
The resistor connected between the FEEDBACK pin and ground should be 51.1 k
Ω. The value for the other
resistor (R1) connected between the FEEDBACK pin and the regulated output is found using the formula:
VOUT = VFB × (1 + ( R1 / 51.1k ))
(1)
It should be noted that the 25 µA of current flowing through the external divider is approximately equal to the
current saved by not connecting the internal divider, which means the quiescent current is not increased by using
external resistors.
A lead compensation capacitor (CF) must also be used to place a zero in the loop response at about 50 kHz. The
value for C F can be found using:
CF = 1/(2π × R1 × 50k)
(2)
A good quality capacitor must be used for CF to ensure that the value is accurate and does not change
significantly over temperature. Mica or ceramic capacitors can be used, assuming a tolerance of ±20% or better
is selected.
If a ceramic is used, select one with a temperature coefficient of NPO, COG, Y5P, or X7R. Capacitor types Z5U,
Y5V, and Z4V can not be used because their value varies more that 50% over the
−25°C to +85°C temperature
range.
8.2.2.2 External Capacitors
Like any low-dropout regulator, external capacitors are required to assure stability. These capacitors must be
correctly selected for proper performance.
8.2.2.2.1
Input Capacitor
An input capacitor (
≥ 2.2 µF) is required between the LP2986 input and ground (amount of capacitance may be
increased without limit).
This capacitor must be located a distance of not more than 0.5 inches from the input pin and returned to a clean
analog ground. Any good quality ceramic or tantalum may be used for this capacitor.
8.2.2.2.2
Output Capacitor
The output capacitor must meet the requirement for minimum amount of capacitance and also have an
appropriate equivalent series resistance (ESR) value.
Curves are provided which show the allowable ESR range as a function of load current for various output
voltages and capacitor values (see Figure 31 and Figure 32).
16
Submit Documentation Feedback
Copyright © 1999–2015, Texas Instruments Incorporated
Product Folder Links: LP2986



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com