Electronic Components Datasheet Search
  English  ▼

X  

RF64 Datasheet(PDF) 50 Page - List of Unclassifed Manufacturers

Part # RF64
Description  ADVANCED COMMUNICATIONS & SENSING
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF64 Datasheet(HTML) 50 Page - List of Unclassifed Manufacturers

Back Button RF64 Datasheet HTML 46Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 47Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 48Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 49Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 50Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 51Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 52Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 53Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 54Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 76 page
background image
ADVANCED COMMUNICATIONS & SENSING
Page 50 of 76
RF64
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
The length stored in this register relates only to the payload which includes the message and the optional address
byte. In this mode, the payload must contain at least one byte, i.e. address or message byte.
An illustration of a fixed length packet is shown in Figure 43. It contains the following fields:
 Preamble (1010...).
 Sync word (Network ID).
 Optional Address byte (Node ID).
 Message data.
 Optional 2-bytes CRC checksum.
Optional DC free data coding
CRC checksum calculation
Preamble
1 to 4 bytes
Sync Word
1 to 4 bytes
Address
byte
Message
0 to (FIFO size) bytes
CRC
2-bytes
Payload/FIFO
Fields added by the packet handler in Tx and processed and removed in Rx
Optional User provided fields which are part of the payload
Message part of the payload
Figure 43: Fixed Length Packet Format
5.5.2.2. Variable Length Packet Format
This mode is necessary in applications where the length of the packet is not known in advance and can vary over
time. It is then necessary for the transmitter to send the length information together with each packet in order for
the receiver to operate properly.
In this mode the length of the payload, indicated by the length byte in Figure 44, is given by the first byte of the
FIFO and is limited only by the width of the FIFO selected. Note that the length byte itself is not included in its
calculation. In this mode, the payload must contain at least 2 bytes, i.e. length + address or message byte.
An illustration of a variable length packet is shown in Figure 44. It contains the following fields:
 Preamble (1010...).
 Sync word (Network ID).
 Length byte
 Optional Address byte (Node ID).
 Message data.
 Optional 2-bytes CRC checksum.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com