Electronic Components Datasheet Search
  English  ▼

X  

RF64 Datasheet(PDF) 58 Page - List of Unclassifed Manufacturers

Part # RF64
Description  ADVANCED COMMUNICATIONS & SENSING
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF64 Datasheet(HTML) 58 Page - List of Unclassifed Manufacturers

Back Button RF64 Datasheet HTML 54Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 55Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 56Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 57Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 58Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 59Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 60Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 61Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 62Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 76 page
background image
ADVANCED COMMUNICATIONS & SENSING
Page 58 of 76
RF64
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
6. Configuration and Status Registers
6.1. General Description
Table 26 sums-up the control and status registers of the RF64:
Table 26: Registers List
Name
Size
Address
Description
MCParam
13 x 8
0 - 11
Main parameters common to transmit and receive modes
IRQParam
3 x 8
12 - 15
Interrupt registers
RXParam
6 x 8
16 - 21
Receiver parameters
SYNCParam
4 x 8
22
– 25
Pattern
TXParam
1 x 8
26
Transmitter parameters
OSCParam
1 x 8
27
Crystal oscillator parameters
PKTParam
4 x 8
28 - 30
Packet handler parameters
6.2. Main Configuration Register - MCParam
The detailed description of the MCParam register is given in Table 27.
Table 27: MCParam Register Description
Name
Bits
Address
(d)
RW
Description
Chip_mode
7-5
0
r/w
Transceiver mode:
000 → sleep mode - Sleep
001 → stand-by mode - Stby (d)
010 → frequency synthesizer mode - FS
011 → receive mode - Rx
100 → transmit mode - Tx
Freq_band
4-2
0
r/w
Frequency band:
000 -> 300-330 MHz
001-> 320-350 MHz
010-> 350-390 MHz
011-> 390-430 MHz
100-> 430-470 MHz (d)
101-> 470-510 MHz
Subbband
1-0
0
r/w
Frequency Sub-band:
00 -> 1st quarter of the selected band (d)
01 -> 2nd quarter of the selected band
10 -> 3rd quarter of the selected band
11 -> 4th quarter of the selected band
Data_mode
7-6
1
r/w
Data operation mode:
00 -> continuous mode (d)
01 -> buffered mode
1X -> packet handling mode
FSK_OOK_ctrl
5-4
1
r/w
RxTx modulation scheme:
00 -> Reset
01 -> OOK
10 -> FSK (d)
11 -> Direct mode of transmitter (internal). Reserved (external)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com