Electronic Components Datasheet Search
  English  ▼

X  

RF64 Datasheet(PDF) 62 Page - List of Unclassifed Manufacturers

Part # RF64
Description  ADVANCED COMMUNICATIONS & SENSING
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF64 Datasheet(HTML) 62 Page - List of Unclassifed Manufacturers

Back Button RF64 Datasheet HTML 58Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 59Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 60Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 61Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 62Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 63Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 64Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 65Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 66Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 76 page
background image
ADVANCED COMMUNICATIONS & SENSING
Page 62 of 76
RF64
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
6.4. Receiver Configuration parameters - RXParam
The detailed description of the RXParam register is given in Table 29.
Table 29: RXParam Register Description
Name
Bits
Address (d)
RW
Description
PassiveFilt
7-4
16
r/w
Typical single sideband bandwidth of the passive low-pass filter.
PassiveFilt = 0000 => 65 kHz
0001 => 82 kHz
0010 => 109 kHz
0011 => 137 kHz
0100 => 157 kHz
0101 => 184 kHz
0110 => 211 kHz
0111 => 234 kHz
1000 => 262 kHz
1001 => 321 kHz
1010 => 378 kHz (d)
1011 => 414 kHz
1100 => 458 kHz
1101 => 514 kHz
1110 => 676 kHz
1111 => 987 kHz
ButterFilt
3-0
16
r/w
Sets the receiver bandwidth. For BW information please refer to
sections 3.4.5 (FSK) and 3.4.6 (OOK).
f  f  200kHz.
f
xtal MHz .
1 Val(ButterFilt)
c
0
12.8MHz
8
(d): “0011” => fC = 200 kHz
PolypFilt_center
7-4
17
r/w
Central frequency of the polyphase filter (100kHz recommended):
f  200kHz.
F
xtal MHz .
1 Val(PolypFilt _ center)
0
12.8MHz
8
(d):“0011” => f0 = 100 kHz
Res
3-0
17
r/w
Reserved
(d): “1000”
PolypFilt_on
7
18
r/w
Enable of the polyphase filter, in OOK Rx mode:
0 => off (d)
1 => on
Bitsync_off
6
18
r/w
Bit synchronizer: control in Continuous Rx mode:
0 => on (d)
1 => off
Sync_on
5
18
r/w
Sync word recognition:
0 => off (d)
1 => on
Sync_size
4-3
18
r/w
Sync word size:
00 => 8 bits
01 => 16 bits
10 => 24 bits
11 => 32 bits (d)
Sync_tol
2-1
18
r/w
Number of errors tolerated in the Sync word recognition:
00 => 0 error (d)
01 => 1 error
10 => 2 errors
11 => 3 errors
Res
0
18
r/w
Reserved
(d):”0”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com