Electronic Components Datasheet Search
  English  ▼

X  

RF64 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # RF64
Description  ADVANCED COMMUNICATIONS & SENSING
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF64 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button RF64 Datasheet HTML 3Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 4Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 5Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 6Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 7Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 8Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 9Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 10Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 76 page
background image
ADVANCED COMMUNICATIONS & SENSING
Page 7 of 76
RF64
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
1.3. Pin Description
Table 2: RF64 Pinouts
Number
Name
Type
Description
0
GND
I
Exposed ground pad
1
TEST5
I/O
Connect to GND
2
TEST1
I/O
Connect to GND
3
VR_VCO
O
Regulated supply of the VCO
4
VCO_M
I/O
VCO tank
5
VCO_P
I/O
VCO tank
6
LF_M
I/O
PLL loop filter
7
LF_P
I/O
PLL loop filter
8
TEST6
I/O
Connect to GND
9
TEST7
I/O
Connect to GND
10
XTAL_P
I/O
Crystal connection
11
XTAL_M
I/O
Crystal connection
12
TEST0
I
Connect to GND
13
TEST8
I/O
POR. Do not connect if unused
14
NSS_CONFIG
I
SPI CONFIG enable
15
NSS_DATA
I
SPI DATA enable
16
MISO
O
SPI data output
17
MOSI
I
SPI data input
18
SCK
I
SPI clock input
19
CLKOUT
O
Clock output
20
DATA
I/O
NRZ data input and output (Continuous mode)
21
IRQ_0
O
Interrupt output
22
IRQ_1
O
Interrupt output
23
PLL_LOCK
O
PLL lock detection output
24
TEST2
O
No connect
25
TEST3
I/O
Connect to GND
26
VDD
I
Supply voltage
27
VR_1V
O
Regulated supply of the analog circuitry
28
VR_DIG
O
Regulated supply of digital circuitry
29
VR_PA
O
Regulated supply of the PA
30
TEST4
I/O
Connect to GND
31
NC
-
Connect to GND
32
RFIO
I/O
RF input/output
Note: pin 13 (Test 8) can be used as a manual reset trigger. See section 7.4.2 for details on its use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com