Electronic Components Datasheet Search
  English  ▼

X  

RF64 Datasheet(PDF) 67 Page - List of Unclassifed Manufacturers

Part # RF64
Description  ADVANCED COMMUNICATIONS & SENSING
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF64 Datasheet(HTML) 67 Page - List of Unclassifed Manufacturers

Back Button RF64 Datasheet HTML 63Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 64Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 65Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 66Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 67Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 68Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 69Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 70Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 71Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 76 page
background image
ADVANCED COMMUNICATIONS & SENSING
Page 67 of 76
RF64
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
7.3.1. Optimized Receive Cycle
The lowest-power Rx cycle is the following:
RF64
IDD
IDDR
3.0mA typ.
IDDFS
1.3mA typ.
IDDST
65uA typ.
IDDSL
100nA typ.
Rx
time
RF64 can be put in
Any other mode
Time
Wait
TS RE
Receiver is ready :
-RSSI sampling is valid after a 1/Fdev period
-Received data is valid
Wait
TS FS
Set RF64 in Rx mode
Wait for Receiver settling
Wait
TS OS
Set RF64 in FS mode
Wait for PLL settling
Set RF64 in Standby mode
Wait for XO settling
Figure 49: Optimized Rx Cycle
Note: If the lock detect indicator is available on an external interrupt pin of the companion uC, it can be used to
optimize TS_FS, without having to wait the maximum specified TS_FS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com