Electronic Components Datasheet Search
  English  ▼

X  

LP38855 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LP38855
Description  1.5A Fast-Response High-Accuracy LDO Linear Regulator with Enable
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP38855 Datasheet(HTML) 5 Page - Texas Instruments

  LP38855 Datasheet HTML 1Page - Texas Instruments LP38855 Datasheet HTML 2Page - Texas Instruments LP38855 Datasheet HTML 3Page - Texas Instruments LP38855 Datasheet HTML 4Page - Texas Instruments LP38855 Datasheet HTML 5Page - Texas Instruments LP38855 Datasheet HTML 6Page - Texas Instruments LP38855 Datasheet HTML 7Page - Texas Instruments LP38855 Datasheet HTML 8Page - Texas Instruments LP38855 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LP38855
www.ti.com
SNVS461D – OCTOBER 2006 – REVISED APRIL 2013
Typical Performance Characteristics
Unless otherwise specified: TJ = 25°C, VIN = VOUT(NOM) + 1V, VBIAS = 3.0V, IOUT = 10 mA, CIN = COUT = 10 µF Ceramic, CBIAS =
1 µF Ceramic, VEN = VBIAS.
VBIAS Ground Pin Current (IGND(BIAS))
VBIAS Ground Pin Current (IGND(BIAS))
vs VBIAS
vs Temperature
Figure 3.
Figure 4.
VIN Ground Pin Current (IGND(IN))
vs Temperature
Load Regulation vs Temperature
Figure 5.
Figure 6.
Dropout Voltage (VDO)
Output Current Limit (ISC)
vs Temperature
vs Temperature
Figure 7.
Figure 8.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP38855



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com