Electronic Components Datasheet Search
  English  ▼

X  

LP38855 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP38855
Description  1.5A Fast-Response High-Accuracy LDO Linear Regulator with Enable
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP38855 Datasheet(HTML) 1 Page - Texas Instruments

  LP38855 Datasheet HTML 1Page - Texas Instruments LP38855 Datasheet HTML 2Page - Texas Instruments LP38855 Datasheet HTML 3Page - Texas Instruments LP38855 Datasheet HTML 4Page - Texas Instruments LP38855 Datasheet HTML 5Page - Texas Instruments LP38855 Datasheet HTML 6Page - Texas Instruments LP38855 Datasheet HTML 7Page - Texas Instruments LP38855 Datasheet HTML 8Page - Texas Instruments LP38855 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
EN
VEN
IN
BIAS
GND
OUT
VOUT
VIN
VBIAS
CIN
10 PF Ceramic
COUT
10 PF
Ceramic
CBIAS
1 PF
GND
GND
LP38855-x.x
LP38855
www.ti.com
SNVS461D – OCTOBER 2006 – REVISED APRIL 2013
1.5A Fast-Response High-Accuracy LDO Linear Regulator with Enable
Check for Samples: LP38855
1
FEATURES
DESCRIPTION
The
LP38855
is
a
high-current,
fast-response
2
•
Standard VOUT Values of 0.8V and 1.2V
regulator
which
can
maintain
output
voltage
•
Wide VBIAS Supply Operating Range of 3.0V to
regulation with an extremely low input to output
5.5V
voltage drop. Fabricated on a CMOS process, the
•
Stable with 10 µF Ceramic Capacitors
device operates from two input voltages: VBIAS
provides power for the internal bias and control
•
Dropout Voltage of 130 mV (Typical) at 1.5A
circuits, as well as drive for the gate of the N-MOS
Load Current
power transistor, while VIN supplies power to the load.
•
Precision Output Voltage Across All Line and
The use of an external bias rail allows the part to
Load Conditions:
operate from ultra low VIN voltages. Unlike bipolar
regulators,
the
CMOS
architecture
consumes
–
±1.0% for TJ = 25°C
extremely low quiescent current at any output load
–
±2.0% for 0°C
≤ TJ ≤ +125°C
current. The use of an N-MOS power transistor
–
±3.0% for -40°C
≤ TJ ≤ +125°C
results in wide bandwidth, yet minimum external
•
Over-Temperature and Over-Current
capacitance is required to maintain loop stability.
Protection
The fast transient response of this device makes it
•
Available in 5 Lead TO-220 and DDPAK/TO-263
suitable for use in powering DSP, Microcontroller
Packages
Core voltages and Switch Mode Power Supply post
regulators. The LP38855 is available in TO-220 and
•
Custom VOUT Values between 0.8V and 1.2V
DDPAK/TO-263 5-Lead packages.
are Available
Dropout Voltage: 130 mV (typical) at 1.5A load
•
-40°C to +125°C Operating Temperature Range
current.
APPLICATIONS
Low Ground Pin Current: 10 mA (typical) at 1.5A
load current.
•
ASIC Power Supplies In:
–
Desktops, Notebooks, and Graphics Cards,
Shutdown Current: 1 µA (typical) IIN(GND) when EN
pin is low.
Servers
–
Gaming Set Top Boxes, Printers and
Precision Output Voltage: ±1.0% for TJ = 25°C and
Copiers
±2.0% for 0°C
≤ TJ ≤ +125°C, across all line and load
conditions
•
Server Core and I/O Supplies
•
DSP and FPGA Power Supplies
•
SMPS Post-Regulator
Typical Application Circuit
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP38855

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP38855 NSC-LP38855 Datasheet
359Kb / 14P
1.5A Fast-Response High-Accuracy LDO Linear Regulator with Enable
LP38855S-0.8 NSC-LP38855S-0.8 Datasheet
359Kb / 14P
1.5A Fast-Response High-Accuracy LDO Linear Regulator with Enable
LP38855S-1.2 NSC-LP38855S-1.2 Datasheet
359Kb / 14P
1.5A Fast-Response High-Accuracy LDO Linear Regulator with Enable
LP38855SX-0.8 NSC-LP38855SX-0.8 Datasheet
359Kb / 14P
1.5A Fast-Response High-Accuracy LDO Linear Regulator with Enable
LP38855SX-1.2 NSC-LP38855SX-1.2 Datasheet
359Kb / 14P
1.5A Fast-Response High-Accuracy LDO Linear Regulator with Enable
More results

Similar Description - LP38855

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP38856 NSC-LP38856 Datasheet
835Kb / 14P
3A Fast-Response High-Accuracy LDO Linear Regulator with Enable
LP38852 NSC-LP38852 Datasheet
439Kb / 18P
1.5A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
LP38858 NSC-LP38858 Datasheet
364Kb / 14P
1.5A Fast-Response High-Accuracy LDO Linear Regulator with Soft-Start
LP38855 NSC-LP38855 Datasheet
359Kb / 14P
1.5A Fast-Response High-Accuracy LDO Linear Regulator with Enable
logo
Texas Instruments
LP38853 TI-LP38853 Datasheet
1Mb / 28P
LP38853 3A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
LP38852S-ADJ TI-LP38852S-ADJ Datasheet
1Mb / 29P
1.5A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
LP38856 TI1-LP38856_14 Datasheet
2Mb / 20P
3A Fast-Response High-Accuracy LDO Linear Regulator with Enable
LP38853 TI1-LP38853_14 Datasheet
1Mb / 27P
3A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
LP38856 TI-LP38856_15 Datasheet
2Mb / 24P
3A Fast-Response High-Accuracy LDO Linear Regulator With Enable
LP38858 TI-LP38858_15 Datasheet
2Mb / 21P
1.5A Fast-Response High-Accuracy LDO Linear Regulator with Soft-Start
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com