Electronic Components Datasheet Search
  English  ▼

X  

LP38855 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LP38855
Description  1.5A Fast-Response High-Accuracy LDO Linear Regulator with Enable
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP38855 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LP38855 Datasheet HTML 8Page - Texas Instruments LP38855 Datasheet HTML 9Page - Texas Instruments LP38855 Datasheet HTML 10Page - Texas Instruments LP38855 Datasheet HTML 11Page - Texas Instruments LP38855 Datasheet HTML 12Page - Texas Instruments LP38855 Datasheet HTML 13Page - Texas Instruments LP38855 Datasheet HTML 14Page - Texas Instruments LP38855 Datasheet HTML 15Page - Texas Instruments LP38855 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
THA d TJA - (TCH + TJC)
LP38855
SNVS461D – OCTOBER 2006 – REVISED APRIL 2013
www.ti.com
The heat-sink to be used in the application should have a heat-sink to ambient thermal resistance,
θHA:
where
•
θJA is the required total thermal resistance from the junction to the ambient air
•
θCH is the thermal resistance from the case to the surface of the heat sink
•
θJC is the thermal resistance from the junction to the surface of the case
(7)
For this equation,
θJC is about 3°C/W for a TO-220 package. The value for θCH depends on method of
attachment, insulator, etc.
θCH varies between 1.5°C/W to 2.5°C/W. Consult the heat-sink manufacturer
datasheet for details and recommendations.
Heat-Sinking the DDPAK/TO-263 Package
The DDPAK/TO-263 package has a
θJA rating of 60°C/W, and a θJC rating of 3°C/W. These ratings are for the
package only, no additional heat-sinking, and with no airflow.
The DDPAK/TO-263 package uses the copper plane on the PCB as a heat-sink. The tab of this package is
soldered to the copper plane for heat-sinking. The graph below shows a curve for the
θJA of TO-263 package for
different copper area sizes, using a typical PCB with 1 ounce copper and no solder mask over the copper area
for heat-sinking.
Figure 27.
θJA vs Copper (1 Ounce) Area for the DDPAK/TO-263 package
As shown in Figure 27, increasing the copper area beyond 1 square inch produces very little improvement. The
minimum value for
θJA for the DDPAK/TO-263 package mounted to a PCB is 32°C/W.
Figure 28 shows the maximum allowable power dissipation for DDPAK/TO-263 packages for different ambient
temperatures, assuming
θJA is 35°C/W and the maximum junction temperature is 125°C.
Figure 28. Maximum Power Dissipation vs Ambient Temperature for DDPAK/TO-263 Package
12
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LP38855



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com