Electronic Components Datasheet Search
  English  ▼

X  

LP38855 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LP38855
Description  1.5A Fast-Response High-Accuracy LDO Linear Regulator with Enable
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP38855 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP38855 Datasheet HTML 6Page - Texas Instruments LP38855 Datasheet HTML 7Page - Texas Instruments LP38855 Datasheet HTML 8Page - Texas Instruments LP38855 Datasheet HTML 9Page - Texas Instruments LP38855 Datasheet HTML 10Page - Texas Instruments LP38855 Datasheet HTML 11Page - Texas Instruments LP38855 Datasheet HTML 12Page - Texas Instruments LP38855 Datasheet HTML 13Page - Texas Instruments LP38855 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LP38855
SNVS461D – OCTOBER 2006 – REVISED APRIL 2013
www.ti.com
Bias Capacitor
The capacitor on the bias pin must be at least 1 µF. It can be any good quality capacitor (ceramic is
recommended).
INPUT VOLTAGE
The input voltage (VIN) is the high current external voltage rail that will be regulated down to a lower voltage,
which is applied to the load. The input voltage must be at least VOUT + VDO, and no higher than whatever value is
used for VBIAS.
BIAS VOLTAGE
The bias voltage (VBIAS) is a low current external voltage rail required to bias the control circuitry and provide
gate drive for the N-FET pass transistor. The bias voltage must be in the range of 3.0V to 5.5V to ensure proper
operation of the device.
UNDER VOLTAGE LOCKOUT
The bias voltage is monitored by a circuit which prevents the device from functioning when the bias voltage is
below the Under-Voltage Lock-Out (UVLO) threshold of approximately 2.45V.
As the bias voltage rises above the UVLO threshold the device control circuitry become active. There is
approximately 150 mV of hysteresis built into the UVLO threshold to provide noise immunity.
When the bias voltage is between the UVLO threshold and the Minimum Operating Rating value of 3.0V the
device will be functional, but the operating parameters will not be within the specified limits.
SUPPLY SEQUENCING
There is no requirement for the order that VIN or VBIAS are applied or removed. However, the output voltage
cannot be ensured until both VIN and VBIAS are within the range of specified operating values.
If used in a dual-supply system where the regulator load is returned to a negative supply, the output pin must be
diode clamped to ground. A Schottky diode is recommend for this diode clamp.
REVERSE VOLTAGE
A reverse voltage condition will exist when the voltage at the output pin is higher than the voltage at the input pin.
Typically this will happen when VIN is abruptly taken low and COUT continues to hold a sufficient charge such that
the input to output voltage becomes reversed.
The NMOS pass element, by design, contains no body diode. This means that, as long as the gate of the pass
element is not driven, there will not be any reverse current flow through the pass element during a reverse
voltage event. The gate of the pass element is not driven when VBIAS is below the UVLO threshold, or the EN pin
is held low.
When VBIAS is above the UVLO threshold, and the EN pin is above the VEN(ON) threshold, the control circuitry is
active and will attempt to regulate the output voltage. Since the input voltage is less than the output voltage the
control circuit will drive the gate of the pass element to the full VBIAS potential when the output voltage begins to
fall. In this condition, reverse current will flow from the output pin to the input pin, limited only by the RDS(ON) of
the pass element and the output to input voltage differential. Discharging an output capacitor up to 1000
μF in
this manner will not damage the device as the current will decay rapidly. However, continuous reverse current
should be avoided.
10
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LP38855



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com