Electronic Components Datasheet Search
  English  ▼

X  

LP38855 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LP38855
Description  1.5A Fast-Response High-Accuracy LDO Linear Regulator with Enable
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP38855 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP38855 Datasheet HTML 7Page - Texas Instruments LP38855 Datasheet HTML 8Page - Texas Instruments LP38855 Datasheet HTML 9Page - Texas Instruments LP38855 Datasheet HTML 10Page - Texas Instruments LP38855 Datasheet HTML 11Page - Texas Instruments LP38855 Datasheet HTML 12Page - Texas Instruments LP38855 Datasheet HTML 13Page - Texas Instruments LP38855 Datasheet HTML 14Page - Texas Instruments LP38855 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
d
'
TJ
PD
TJA
'TJ = TJ(MAX) - TA(MAX)
LP38855
www.ti.com
SNVS461D – OCTOBER 2006 – REVISED APRIL 2013
ENABLE OPERATION
The Enable pin (EN) provides a mechanism to enable, or disable, the regulator output stage. The Enable pin has
an internal pull-up, through a typical 180 k
Ω resistor, to VBIAS.
If the Enable pin is actively driven, pulling the Enable pin above the VEN threshold of 1.25V (typical) will turn the
regulator output on, while pulling the Enable pin below the VEN threshold will turn the regulator output off. There
is approximately 100 mV of hysteresis built into the Enable threshold provide noise immunity.
If the Enable function is not needed this pin should be left open, or connected directly to VBIAS. If the Enable pin
is left open, stray capacitance on this pin must be minimized, otherwise the output turn-on will be delayed while
the stray capacitance is charged through the internal resistance (rEN).
POWER DISSIPATION AND HEAT-SINKING
A heat-sink may be required depending on the maximum power dissipation and maximum ambient temperature
of the application. Under all possible conditions, the junction temperature must be within the range specified
under operating conditions.
The total power dissipation of the device is the sum of three different points of dissipation in the device.
The first part is the power that is dissipated in the NMOS pass element, and can be determined with the formula:
PD(PASS) = (VIN - VOUT) × IOUT
(1)
The second part is the power that is dissipated in the bias and control circuitry, and can be determined with the
formula:
PD(BIAS) = VBIAS × IGND(BIAS)
where
•
IGND(BIAS) is the portion of the operating ground current of the device that is related to VBIAS
(2)
The third part is the power that is dissipated in portions of the output stage circuitry, and can be determined with
the formula:
PD(IN) = VIN × IGND(IN)
where
•
IGND(IN) is the portion of the operating ground current of the device that is related to VIN
(3)
The total power dissipation is then:
PD = PD(PASS) + PD(BIAS) + PD(IN)
(4)
The maximum allowable junction temperature rise (
ΔTJ) depends on the maximum anticipated ambient
temperature (TA(MAX)) for the application, and the maximum allowable operating junction temperature (TJ(MAX)):
(5)
The maximum allowable value for junction to ambient Thermal Resistance,
θJA, can be calculated using the
formula:
(6)
Heat-Sinking the TO-220 Package
The TO-220 package has a
θJA rating of 60°C/W, and a θJC rating of 3°C/W. These ratings are for the package
only, no additional heat-sinking, and with no airflow.
The thermal resistance of a TO-220 package can be reduced by attaching it to a heat-sink or a copper plane on
a PC board. If a copper plane is to be used, the values of
θJA will be same as shown in next section for
DDPAK/TO-263 package.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LP38855



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com