Electronic Components Datasheet Search
  English  ▼

X  

W989D6KB Datasheet(PDF) 9 Page - Winbond

Part # W989D6KB
Description  Standard Self Refresh Mode
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W989D6KB Datasheet(HTML) 9 Page - Winbond

Back Button W989D6KB Datasheet HTML 5Page - Winbond W989D6KB Datasheet HTML 6Page - Winbond W989D6KB Datasheet HTML 7Page - Winbond W989D6KB Datasheet HTML 8Page - Winbond W989D6KB Datasheet HTML 9Page - Winbond W989D6KB Datasheet HTML 10Page - Winbond W989D6KB Datasheet HTML 11Page - Winbond W989D6KB Datasheet HTML 12Page - Winbond W989D6KB Datasheet HTML 13Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 66 page
background image
W989D6KB / W989D2KB
512Mb Mobile LPSDR
Publication Release Date : October 07, 2013
- 9 -
Revision : A01-003
7. ELECTRICAL CHARACTERISTICS
7.1 Absolute Maximum Ratings
Parameter
Symbol
Values
Units
Min
Max
Voltage on VDD relative to VSS
VDD
−0.5
2.3
V
Voltage on VDDQ relative to VSS
VDDQ
−0.5
2.3
V
Voltage on any pin relative to VSS
VIN, VOUT
−0.5
2.3
V
Operating
Temperature
Tc
-25
-40
85
85
°C
Storage Temperature
TSTG
−55
150
°C
Short Circuit Output Current
IOUT
±50
mA
Power Dissipation
PD
1.0
W
Notes: stresses greater than those listed in “absolute maximum ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at these or any other conditions above those
indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
7.2 Operating Conditions
Parameter
Symbol
Min.
Typ.
Max.
Unit
Supply Voltage
VDD
1.7
1.8
1.95
V
Supply Voltage (for I/O Buffer)
VDDQ
1.7
1.8
1.95
V
Input High level Voltage
VIH
0.8*VDDQ
-
VDDQ +0.3
V
Input Low level Voltage
VIL
-0.3
-
+0.3
V
LVCOMS Output
HLevel Voltage (IOUT = -0.1 mA )
VOH
0.9xVDDQ
-
-
V
LVCMOS Output
LLevel Voltage (IOUT = +0.1 mA )
VOL
-
-
0.2
V
Input Leakage Current
(0V
 VIN  VDD, all other pins not under test = 0V)
II(L)
-1
-
1
A
Output Leakage Current (Output disable , 0V
 VOUT
 VDDQ)
IO(L)
-5
-
5
A
Note: VIH(max) = VDD/ VDDQ+1.2V for pulse width < 5 ns , VIL(min) = VSS/ VSSQ-1.2V for pulse width < 5 ns
7.3 Capacitance
Parameter
Symbol
Min.
Max.
Unit
Input Capacitance
(A[ n : 0] , BA0, BA1,
CS , RAS , CAS , WE , DQM, CKE)
CI
1.5
3.0
pf
Input Capacitance (CLK)
CCLK
1.5
3.5
pf
Input/Output capacitance
CIO
3.0
5.0
pf
Note: These parameters are periodically sampled and not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com