Electronic Components Datasheet Search
  English  ▼

X  

W989D6KB Datasheet(PDF) 12 Page - Winbond

Part # W989D6KB
Description  Standard Self Refresh Mode
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W989D6KB Datasheet(HTML) 12 Page - Winbond

Back Button W989D6KB Datasheet HTML 8Page - Winbond W989D6KB Datasheet HTML 9Page - Winbond W989D6KB Datasheet HTML 10Page - Winbond W989D6KB Datasheet HTML 11Page - Winbond W989D6KB Datasheet HTML 12Page - Winbond W989D6KB Datasheet HTML 13Page - Winbond W989D6KB Datasheet HTML 14Page - Winbond W989D6KB Datasheet HTML 15Page - Winbond W989D6KB Datasheet HTML 16Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 66 page
background image
W989D6KB / W989D2KB
512Mb Mobile LPSDR
Publication Release Date : October 07, 2013
- 12 -
Revision : A01-003
7.5 Automatic Temperature Compensated Self Refresh Current Feature
Partial Array Self
Refresh Setting EMR [2:0]
Operating Temperature
Setting EMR[4:3]
Sym
Max.
Unit
EMR[2:0]=000, CKE=0.2V
All 4 banks are Refreshed
85°C
IDD6
450
μA
EMR[2:0]=001, CKE=0.2V
Bank 0 and 1 are Refreshed
85°C
350
EMR[2:0]=010, CKE=0.2V
Only Bank 0 is Refreshed
85°C
300
Notes:
1.
A full initialization sequence is required before proper device operation is ensured.
2.
Idd is dependent on output loading and cycle rates. Specified values are obtained with minimum cycle time and
the outputs open.
3.
The Idd current will increase or decrease proportionally according to the amount of frequency alteration for the test
condition.
4.
Address transitions average one transition every 2 clocks.
5.
Measurement is taken 500ms after entering into this operating mode to provide tester measuring unit settling time.
6.
Other input signals can transition only one time for every 2 clocks and are otherwise at valid Vih or Vil levels.
7.
CKE is HIGH during the REFRESH command period tRFC (MIN) else CKE is LOW.
8.
Typical values at 25°C (not a maximum value).
9.
Enables on-die refresh and address counters.
10. Values for Idd6 85°C full array and partial array are guaranteed for the entire temperature range. All other Idd6
values are estimated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com