Electronic Components Datasheet Search
  English  ▼

X  

LM8801 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM8801
Description  High Precision 6MHz, 600 mA Synchronous Step-Down DC-DC Converter for Mobile Applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM8801 Datasheet(HTML) 4 Page - Texas Instruments

  LM8801 Datasheet HTML 1Page - Texas Instruments LM8801 Datasheet HTML 2Page - Texas Instruments LM8801 Datasheet HTML 3Page - Texas Instruments LM8801 Datasheet HTML 4Page - Texas Instruments LM8801 Datasheet HTML 5Page - Texas Instruments LM8801 Datasheet HTML 6Page - Texas Instruments LM8801 Datasheet HTML 7Page - Texas Instruments LM8801 Datasheet HTML 8Page - Texas Instruments LM8801 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
LM8801
SNVS597H – APRIL 2009 – REVISED MAY 2013
www.ti.com
Electrical Characteristics
(1) (2) (3)
Limits in standard typeface are for TA = 25°C. Limits in boldface type apply over the operating ambient temperature range
(
−30°C ≤ TA = TJ ≤ +85°C). Unless otherwise noted, specifications apply to the LM8801 open loop Typical Application Circuit
with VOUT = 1.82V, VIN = EN = 3.6V.
Parameter
Test Conditions
Min
Typ
Max
Units
VFB
Feedback Voltage Tolerance
PWM
-1.5
+1.5
%
2.3V
≤ VIN ≤ 5.5V;
0.2
IOUT = 10 mA (PFM)
Line Reg. (closed loop)
%/V
2.3V
≤ VIN ≤ 5.5V;
VOUT
0.048
IOUT = 200 mA (PWM)
0.1 mA
≤ IOUT ≤ 600 mA;
Load Reg. (closed loop)
0.0019
%/mA
VIN = 3.6V (Auto)
ISHDN
Shutdown Supply Current
EN = 0V, SW = GND
0.08
1.0
µA
IQ_PFM
Quiescent Current in PFM Mode
No load, device is not switching
27
35
µA
IQ_PWM
Quiescent Current in PWM Mode
No load, device is not switching
0.57
0.7
mA
RDSON (P)
Pin-Pin Resistance for PFET
VIN = VGS = 3.6V
220
m
Ω
RDSON (N)
Pin-Pin Resistance for Sync NFET
VIN = VGS = 3.6V
180
m
Ω
ILIM
PFET Peak Current Limit
900
1100
1300
mA
VIH
Logic High Input, all control pins
1.2
V
VIL
Logic Low Input
0.4
V
IEN,MODE
Pin Input Current
0.01
1
µA
FOSC
Internal Oscillator Frequency
PWM Mode
5.6
6.0
6.4
MHz
UVLO
Under-Voltage Lock Out
2.0
V
(1)
All voltages are with respect to the potential at the GND pin.
(2)
Min and Max limits are specified by design, test or statistical analysis. Typical numbers represent the most likely norm.
(3)
The parameters in the electrical characteristic table are tested under open loop conditions at VIN = 3.6V unless otherwise specified. For
performance over the input voltage range and closed loop condition, refer to the datasheet curves.
4
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM8801



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com