Electronic Components Datasheet Search
  English  ▼

X  

LM8801 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM8801
Description  High Precision 6MHz, 600 mA Synchronous Step-Down DC-DC Converter for Mobile Applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM8801 Datasheet(HTML) 2 Page - Texas Instruments

  LM8801 Datasheet HTML 1Page - Texas Instruments LM8801 Datasheet HTML 2Page - Texas Instruments LM8801 Datasheet HTML 3Page - Texas Instruments LM8801 Datasheet HTML 4Page - Texas Instruments LM8801 Datasheet HTML 5Page - Texas Instruments LM8801 Datasheet HTML 6Page - Texas Instruments LM8801 Datasheet HTML 7Page - Texas Instruments LM8801 Datasheet HTML 8Page - Texas Instruments LM8801 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
LM8801
SNVS597H – APRIL 2009 – REVISED MAY 2013
www.ti.com
Connection Diagram
6-Bump DSBGA Package
See package numbers YFQ0006LCA and YQA0006LCA
Pin Descriptions
Pin Number
Name
Description
A1
Mode
Auto mode and forced PWM mode selection. Forced PWM = HIGH; Auto = LOW.
A2
VIN
Power supply input. Connect to the input filter capacitor (Typical Application Circuit, page 1).
B1
SW
Switching node connection to the internal PFET switch and NFET synchronous rectifier.
B2
EN
Enable pin. The device is in shutdown mode when voltage to this pin is < 0.4V and enabled
when > 1.2V. Do not leave this pin floating.
C1
FB
Feedback analog input. Connect directly to the output filter capacitor (Typical Application
Circuit, page 1).
C2
GND
Ground pin.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Dissipation Rating Table
TA ≤ 25°C
TA = 60°C
TA = 85°C
θJA
Power Rating
Power Rating
Power Rating
85°CW
(1)1176 mW
765 mW
470 mW
(1)
Junction-to-ambient thermal resistance is highly application and board-layout dependent. In applications where high power dissipation
exists, special care must be given to thermal dissipation issues in board design.
2
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM8801



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com