Electronic Components Datasheet Search
  English  ▼

X  

LM8801 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM8801
Description  High Precision 6MHz, 600 mA Synchronous Step-Down DC-DC Converter for Mobile Applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM8801 Datasheet(HTML) 1 Page - Texas Instruments

  LM8801 Datasheet HTML 1Page - Texas Instruments LM8801 Datasheet HTML 2Page - Texas Instruments LM8801 Datasheet HTML 3Page - Texas Instruments LM8801 Datasheet HTML 4Page - Texas Instruments LM8801 Datasheet HTML 5Page - Texas Instruments LM8801 Datasheet HTML 6Page - Texas Instruments LM8801 Datasheet HTML 7Page - Texas Instruments LM8801 Datasheet HTML 8Page - Texas Instruments LM8801 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
OUTPUT CURRENT (mA)
100
90
80
70
60
50
40
30
20
10
0
0.1
1
10
100
1000
2.7V
3.6V
2.3V
4.2V
COUT = 4.7 µF, TDK
L = 0.5 µH, FDK
LM8801
www.ti.com
SNVS597H – APRIL 2009 – REVISED MAY 2013
LM8801 High Precision 6MHz, 600 mA Synchronous Step-Down DC-DC Converter for
Mobile Applications
Check for Samples: LM8801
1
FEATURES
APPLICATIONS
2
•
Over 90% Efficiency at 6 MHz Operation
•
Mobile Phones
•
600 mA Maximum Load Capability
•
MP3 players
•
6 MHz PWM Fixed Switching Frequency (typ.)
•
Wireless LAN
•
27 µA (typ.) Quiescent Current in PFM Mode
•
PDAs, Pocket PCs
•
Wide Input Voltage Range: 2.3V to 5.5V
•
Portable Hard Disk Drives
•
VOUT = 1.0V to 2.9V with 50 mV steps
DESCRIPTION
•
±1.5% DC Output Voltage Precision Over
The
LM8801
step-down
DC-DC
converter
is
Temperature
optimized for powering ultra-low voltage circuits from
•
Best-in-Class Load Transient Response
a single Li-Ion cell and input voltage rails from 2.3V to
•
Low Output Ripple in PFM Mode
5.5V. It provides up to 600 mA load current over the
entire input voltage range.
•
Automatic PFM/PWM Mode Switching
•
Current Overload and Thermal Shutdown
The LM8801 has a mode-control pin that allows the
user to select continuous PWM operation over the
Protection
complete load range or an auto PFM-PWM mode that
•
Internal Soft-Start
changes modes automatically depending on the load.
•
6-bump DSBGA Package
During PWM mode, the device operates at a fixed-
frequency of 6 MHz (typ.). In Auto PFM-PWM mode,
–
(1.065 x 1.265 , 0.6 mm or 0.25 mm height)
hysteretic PFM extends the battery life through
•
Total Solution Size < 7mm2 (works with 0402
reduction of the quiescent current during light loads
capacitors)
and system standby.
•
UVLO
The LM8801 is available in a 6-bump DSBGA
package. Only three compact external surface-mount
components, an inductor and two capacitors, are
required.
Efficiency vs. Output Current
Typical Application Circuit
(Auto Mode, VOUT = 1.82V)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM8801

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM8801 NSC-LM8801 Datasheet
971Kb / 16P
High Precision 6MHz, 600 mA Synchronous Step-Down DC-DC Converter for Mobile Applications
logo
Texas Instruments
LM8801 TI2-LM8801 Datasheet
1Mb / 23P
LM8801 High Precision 6MHz, 600 mA Synchronous Step-Down DC-DC Converter for Mobile Applications
REVISED MAY 2013
LM8801TME-1.2/NOPB TI2-LM8801TME-1.2/NOPB Datasheet
1Mb / 23P
LM8801 High Precision 6MHz, 600 mA Synchronous Step-Down DC-DC Converter for Mobile Applications
REVISED MAY 2013
LM8801TME-1.2/NOPB.A TI2-LM8801TME-1.2/NOPB.A Datasheet
1Mb / 23P
LM8801 High Precision 6MHz, 600 mA Synchronous Step-Down DC-DC Converter for Mobile Applications
REVISED MAY 2013
logo
National Semiconductor ...
LM8801TME-1.82 NSC-LM8801TME-1.82 Datasheet
971Kb / 16P
High Precision 6MHz, 600 mA Synchronous Step-Down DC-DC Converter for Mobile Applications
More results

Similar Description - LM8801

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1522B ONSEMI-NCP1522B Datasheet
206Kb / 14P
3 MHz, 600 mA Step-Down DC-DC Converter
May, 2007 - Rev. 0
logo
National Semiconductor ...
LM8801 NSC-LM8801 Datasheet
971Kb / 16P
High Precision 6MHz, 600 mA Synchronous Step-Down DC-DC Converter for Mobile Applications
logo
ON Semiconductor
NCP1521B ONSEMI-NCP1521B_10 Datasheet
187Kb / 14P
1.5 MHz, 600 mA Step-Down DC-DC Converter
December, 2010 ??Rev. 5
NCP1522B ONSEMI-NCP1522B_10 Datasheet
191Kb / 14P
3 MHz, 600 mA Step-Down DC-DC Converter
December, 2010 ??Rev. 1
logo
Analog Devices
ADP2121 AD-ADP2121 Datasheet
1Mb / 20P
600 mA, 6 MHz, Synchronous Step-Down DC-to-DC Converter
REV. B
logo
Texas Instruments
LM8801 TI1-LM8801_14 Datasheet
1Mb / 24P
High Precision 6MHz, 600 mA Synchronous Step-Down DC-DC Converter for Mobile Applications
logo
Maxim Integrated Produc...
MAX16961 MAXIM-MAX16961 Datasheet
650Kb / 12P
Synchronous Step-Down DC-DC Converter
Rev 3; 5/14
MAX17543 MAXIM-MAX17543 Datasheet
2Mb / 19P
Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
logo
Texas Instruments
LM2650 TI-LM2650_15 Datasheet
938Kb / 19P
Synchronous Step-Down DC/DC Converter
logo
Zilog, Inc.
IXD3235 ZILOG-IXD3235 Datasheet
2Mb / 27P
Synchronous 600 mA Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com