Electronic Components Datasheet Search
  English  ▼

X  

LM8801 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM8801
Description  High Precision 6MHz, 600 mA Synchronous Step-Down DC-DC Converter for Mobile Applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM8801 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM8801 Datasheet HTML 8Page - Texas Instruments LM8801 Datasheet HTML 9Page - Texas Instruments LM8801 Datasheet HTML 10Page - Texas Instruments LM8801 Datasheet HTML 11Page - Texas Instruments LM8801 Datasheet HTML 12Page - Texas Instruments LM8801 Datasheet HTML 13Page - Texas Instruments LM8801 Datasheet HTML 14Page - Texas Instruments LM8801 Datasheet HTML 15Page - Texas Instruments LM8801 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
x
x
x
f
1
L
2
!
ISAT
IOUTMAX + IRIPPLE
where
IRIPPLE =
VOUT
VIN
VIN - VOUT
¹
·
©
§
¹
·
©
§
¹
·
©
§
LM8801
SNVS597H – APRIL 2009 – REVISED MAY 2013
www.ti.com
UVLO (UNDER-VOLTAGE LOCK OUT)
The LM8801 has an UVP comparator to turn the power device off in the case the input voltage or battery voltage
is too low. The typical UVP threshold is around 2V with 100 mV hysteresis.
APPLICATION INFORMATION
INDUCTOR SELECTION
There are two main considerations when choosing an inductor; the inductor should not saturate, and the inductor
current ripple is small enough to achieve the desired output voltage ripple. Different manufacturers follow
different saturation current rating specifications, so attention must be given to details. Saturation current ratings
are typically specified at 25°C so ratings at maximum ambient temperature of application should be requested
from manufacturer.
Minimum value of inductance to ensure good performance is 0.3 µH at (ILIM typ.) bias current over the
ambient temperature range.
Shielded inductors radiate less noise and should be preferred. There are two methods to choose the inductor
saturation current rating.
Method 1:
The saturation current should be greater than the sum of the maximum load current and the worst case average
to peak inductor current. This can be written as:
(1)
•
IRIPPLE: average to peak inductor current
•
IOUTMAX: maximum load current (600 mA)
•
VIN: maximum input voltage in application
•
L: minimum inductor value including worst case tolerances (30% drop can be considered for method 1)
•
f: minimum switching frequency (5.4 MHz)
•
VOUT: output voltage
Method 2:
A more conservative and recommended approach is to choose an inductor that can handle the maximum current
limit of 1300 mA.
The inductor's resistance should be less than around 0.1
Ω for good efficiency. Table 1 lists suggested inductors
and suppliers.
INPUT CAPACITOR SELECTION
A ceramic input capacitor of 2.2 µF, 6.3V is sufficient for most applications. Place the input capacitor as close as
possible to the VIN pin of the device. A larger value or higher voltage rating may be used to improve input voltage
filtering. Use X7R or X5R types; do not use Y5V. DC bias characteristics of ceramic capacitors must be
considered when selecting case sizes like 0402 and 0603.
The input filter capacitor supplies current to the top switch of the LM8801 in the first half of each cycle and
reduces voltage ripple imposed on the input power source. A ceramic capacitor's low ESR provides the best
noise filtering of the input voltage spikes due to this rapidly changing current. Select an input filter capacitor with
sufficient ripple current rating.
The input current ripple can be calculated as:
12
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM8801



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com