Electronic Components Datasheet Search
  English  ▼

X  

LM8801 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM8801
Description  High Precision 6MHz, 600 mA Synchronous Step-Down DC-DC Converter for Mobile Applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM8801 Datasheet(HTML) 3 Page - Texas Instruments

  LM8801 Datasheet HTML 1Page - Texas Instruments LM8801 Datasheet HTML 2Page - Texas Instruments LM8801 Datasheet HTML 3Page - Texas Instruments LM8801 Datasheet HTML 4Page - Texas Instruments LM8801 Datasheet HTML 5Page - Texas Instruments LM8801 Datasheet HTML 6Page - Texas Instruments LM8801 Datasheet HTML 7Page - Texas Instruments LM8801 Datasheet HTML 8Page - Texas Instruments LM8801 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
LM8801
www.ti.com
SNVS597H – APRIL 2009 – REVISED MAY 2013
Absolute Maximum Ratings
(1) (2)
VIN Pin to GND
−0.2V to 6.0V
EN, MODE pin to GND
−0.2V to 6.0V
FB, SW pin
(GND
−0.2V) to
(VIN + 0.2V) w/ 6.0V max
Junction Temperature (TJ-MAX)
+150°C
Storage Temperature Range
−65°C to +150°C
Continuous Power Dissipation (3)
Internally Limited
Maximum Lead Temperature
260°C
(Soldering, 10 sec.)
ESD Rating (4)
Human Body Model
2 kV
Machine Model
200V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under
which operation of the device is specified. Operating Ratings do not imply performance limits. For performance limits and associated test
conditions, see the Electrical Characteristics tables.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office / Distributors for
availability and specifications.
(3)
Internal thermal shutdown circuitry protects the device from permanent damage. Thermal shutdown engages at TJ = 150°C (typ.) and
disengages at TJ = 130°C (typ.).
(4)
The Human Body Model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. The machine model is a 200 pF
capacitor discharged directly into each pin. MIL-STD-883–3015.7.
Operating Ratings
(1) (2)
Input Voltage Range
2.3V to 5.5V
Recommended Load Current
0 mA to 600 mA
Junction Temperature (TJ) Range
−30°C to +125°C
Ambient Temperature (TA) Range
(3)
−30°C to +85°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under
which operation of the device is specified. Operating Ratings do not imply performance limits. For performance limits and associated test
conditions, see the Electrical Characteristics tables.
(2)
All voltages are with respect to the potential at the GND pin.
(3)
In applications where high power dissipation and/or poor package resistance is present, the maximum ambient temperature may have to
be derated. Maximum ambient temperature (TA-MAX) is dependent on the maximum operating junction temperature (TJ-MAX-OP = 125°C),
the maximum power dissipation of the device in the application (PD-MAX) and the junction-to-ambient thermal resistance of the
part/package (
θJA) in the application, as given by the following equation: TA-MAX = TJ-MAX− (θJAx PD-MAX). Due to the pulsed nature of
testing the part, the temp in the Electrical Characteristic table is specified as TA = TJ.
ThermaL Characteristics
Junction-to-Ambient Thermal Resistance (
θJA) (DSBGA)
(1)
85°C/W
(1)
Junction-to-ambient thermal resistance is highly application and board-layout dependent. In applications where high power dissipation
exists, special care must be given to thermal dissipation issues in board design.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM8801



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com