Electronic Components Datasheet Search
  English  ▼

X  

LM8801 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM8801
Description  High Precision 6MHz, 600 mA Synchronous Step-Down DC-DC Converter for Mobile Applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM8801 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM8801 Datasheet HTML 7Page - Texas Instruments LM8801 Datasheet HTML 8Page - Texas Instruments LM8801 Datasheet HTML 9Page - Texas Instruments LM8801 Datasheet HTML 10Page - Texas Instruments LM8801 Datasheet HTML 11Page - Texas Instruments LM8801 Datasheet HTML 12Page - Texas Instruments LM8801 Datasheet HTML 13Page - Texas Instruments LM8801 Datasheet HTML 14Page - Texas Instruments LM8801 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
High PFM Threshold
PFM Mode at Light Load
PWM Mode at Heavy Load
Load current increases
Low PFM Threshold
Target Output Voltage
LM8801
www.ti.com
SNVS597H – APRIL 2009 – REVISED MAY 2013
Figure 23. Operation in PFM Mode and Transfer to PWM Mode
INTERNAL SYNCHRONOUS RECTIFICATION
While in PWM mode, the LM8801 uses an internal NFET as a synchronous rectifier to reduce rectifier forward
voltage drop and associated power loss. Synchronous rectification provides a significant improvement in
efficiency whenever the output voltage is relatively low compared to the voltage drop across an ordinary rectifier
diode.
CURRENT LIMITING
A current limit feature allows the LM8801 to protect itself and external components during overload conditions.
PWM mode implements current limit using an internal comparator that trips at 1.1A (typ). If the output is shorted
to ground the device enters a timed current limit mode where the NFET is turned on for a longer duration until
the inductor current falls below a low threshold, ensuring inductor current has more time to decay, thereby
preventing runaway.
SHUTDOWN MODE
Setting the EN input pin low (<0.4V) places the LM8801 in shutdown mode. During shutdown the PFET switch,
NFET switch, reference, control and bias circuitry of the LM8801 are turned off. Setting EN high (>1.2V) enables
normal operation. While turning on the device with EN soft-start is activated. EN pin should be set low to turn off
the LM8801 during system power up and under-voltage conditions when the supply is less than 2.3V. Do not
leave the EN pin floating.
SOFT-START
The LM8801 has a soft-start circuit that limits in-rush current during start-up. During start-up the switch current
limit is increased in steps. Soft start is activated only if EN goes from logic low to logic high after VIN reaches
2.3V.
THERMAL SHUTDOWN PROTECTION
The LM8801 has a thermal overload protection function that operates to protect itself from short-term misuse and
overload conditions. When the junction temperature exceeds around 150°C, the device inhibits operation. Both
the PFET and the NFET are turned off. When the temperature drops below 130°C, normal operation resumes.
Prolonged operation in thermal overload conditions may damage the device and is considered bad practice.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM8801



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com