Electronic Components Datasheet Search
  English  ▼

X  

TLE9263QX Datasheet(PDF) 108 Page - Infineon Technologies AG

Part # TLE9263QX
Description  Dedicated Data Sheets are available for the different product variants
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9263QX Datasheet(HTML) 108 Page - Infineon Technologies AG

Back Button TLE9263QX Datasheet HTML 104Page - Infineon Technologies AG TLE9263QX Datasheet HTML 105Page - Infineon Technologies AG TLE9263QX Datasheet HTML 106Page - Infineon Technologies AG TLE9263QX Datasheet HTML 107Page - Infineon Technologies AG TLE9263QX Datasheet HTML 108Page - Infineon Technologies AG TLE9263QX Datasheet HTML 109Page - Infineon Technologies AG TLE9263QX Datasheet HTML 110Page - Infineon Technologies AG TLE9263QX Datasheet HTML 111Page - Infineon Technologies AG TLE9263QX Datasheet HTML 112Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 164 page
background image
Data Sheet
108
Rev. 1.1, 2014-09-26
TLE9263QX
Supervision Functions
Figure 54
VCC1 Over Voltage Timing Diagram
15.7
VCC1 Short Circuit and VCC3 Diagnostics
The short circuit protection feature for
V
CC1 is implemented as follows (VS needs to be higher than VS,UV):
•
If VCC1 is not above the VRTx within tVCC1,SC after device power up or after waking from SBC Sleep Mode then
the SPI bit VCC1_SC bit is set, VCC1 is turned OFF, the FOx pins are enabled, FAILURE is set and SBC Fail-
Safe Mode is entered. The SBC can be activated again via wake on CAN, LINx, WKx.
•
The same behavior applies, if
V
CC1 falls below VRTx for more than tVCC1,SC.
VCC3 diagnosis features are implemented as follows:
•
Load Sharing: The external PNP is disabled when VS < VS,UV if VCC3_VS_ UV_OFF = 0 or when in SBC Stop
Mode if VCC3_LS_ STP_ON = ‘0’. All other diagnostic features are disabled because they are provided via
VCC1.
•
Stand-alone configuration: The external PNP is disabled when VCC3 < VS,UV if VCC3_VS_ UV_OFF = 0. The
overcurrent limitation is signalled via the bit VCC3_OC according to the selected shunt resistor, VCC3
undervoltage is signalled via the bit VCC3_UV and the regulator is disabled due to VS undervoltage when
VS,UV is reached.
Note: Neither VCC1_SC nor VCC3_UV flags are set during power up of
V
CC1 or turn on of VCC3 respectively.
15.8
VCC2 Undervoltage and VCAN Undervoltage
An undervoltage warning is implemented for VCC2 and VCAN as follows:
•
V
CC2 undervoltage Detection: In case VCC2 will drop below the VCC2,UV,f threshold, then the SPI bit VCC2_UV
is set and can be only cleared via SPI.
•
V
CAN undvervoltage Detection: In case the voltage on VCAN will drop below the VCAN_UV threshold, then the SPI
bit VCAN_UV is set and can be only cleared via SPI.
Note: The VCC2_UV flag is not set during turn-on or turn-off of
V
CC2.
RO
t
VCC1
tRD1
SBC Normal
t
tOV_filt
SBC Restart
SBC Normal
VCC1,OV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com