Electronic Components Datasheet Search
  English  ▼

X  

TLE9263QX Datasheet(PDF) 112 Page - Infineon Technologies AG

Part # TLE9263QX
Description  Dedicated Data Sheets are available for the different product variants
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9263QX Datasheet(HTML) 112 Page - Infineon Technologies AG

Back Button TLE9263QX Datasheet HTML 108Page - Infineon Technologies AG TLE9263QX Datasheet HTML 109Page - Infineon Technologies AG TLE9263QX Datasheet HTML 110Page - Infineon Technologies AG TLE9263QX Datasheet HTML 111Page - Infineon Technologies AG TLE9263QX Datasheet HTML 112Page - Infineon Technologies AG TLE9263QX Datasheet HTML 113Page - Infineon Technologies AG TLE9263QX Datasheet HTML 114Page - Infineon Technologies AG TLE9263QX Datasheet HTML 115Page - Infineon Technologies AG TLE9263QX Datasheet HTML 116Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 164 page
background image
Data Sheet
112
Rev. 1.1, 2014-09-26
TLE9263QX
Supervision Functions
VCC2 Monitoring
VCC2 Undervoltage
Threshold Voltage (falling)
V
CC2,UV,f
4.5
–
4.75
V
VCC2 falling
P_15.10.19
VCC2 Undervoltage
Threshold Voltage (rising)
V
CC2,UV,r
4.6
–
4.9
V
VCC2 rising
P_15.10.77
V
CC2 Undervoltage detection
hysteresis
V
CC2,UV, hys
20
100
250
mV
–
P_15.10.20
VCC3 Monitoring
V
CC3 Undervoltage Detection
V
CC3,UV
4.0
4.25
4.5
V
hysteresis included P_15.10.21
V
CC3 Undervoltage Detection
V
CC3,UV
2.65
2.85
3.00
V
3.3V option or
VCC3_ V_CFG=1
hysteresis included
P_15.10.47
V
CC3 Undervoltage detection
hysteresis
V
CC3,UV, hys
20
100
250
mV
–
P_15.10.22
VCAN Monitoring
CAN Supply under voltage
detection threshold
V
CAN_UV
4.45
–
4.85
V
CAN Normal
Mode,
hysteresis
included;
P_15.10.23
Watchdog Generator
Long Open Window
t
LW
–
200
–
ms
3)
P_15.10.24
Internal Oscillator
f
CLKSBC
0.8
1.0
1.2
MHz
–
P_15.10.25
Minimum Waiting time during SBC Fail-Safe Mode
Min. waiting time Fail-Safe
t
FS,min
–
100
–
ms
3)4)
P_15.10.75
Power-on Reset, Over / Under Voltage Protection
VS Power on reset rising
V
POR,r
–
4.5
V
VS increasing
P_15.10.26
VS Power on reset falling
V
POR,f
–
3
V
VS decreasing
P_15.10.27
VS Under Voltage Detection
Threshold
V
S,UV
5.3
–
6.0
V
Supply UV
supervision for
VCC3 and VCC1
SC detection;
hysteresis included
P_15.10.13
VSHS Over Voltage
Detection Threshold
V
SHS,OVD
20
22
V
Supply OV
supervision for
HSx;
hysteresis included
P_15.10.28
VSHS Over Voltage
Detection hysteresis
V
SHS,OVD,hys
–
500
–
mV
5)
P_15.10.29
Table 27
Electrical Specification (cont’d)
V
S = 5.5 V to 28 V; Tj = -40 °C to +150 °C; SBC Normal Mode; all voltages with respect to ground; positive current
defined flowing into pin; unless otherwise specified.
Parameter
Symbol
Values
Unit
Note /
Test Condition
Number
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com