Electronic Components Datasheet Search
  English  ▼

X  

TLE9263QX Datasheet(PDF) 113 Page - Infineon Technologies AG

Part # TLE9263QX
Description  Dedicated Data Sheets are available for the different product variants
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9263QX Datasheet(HTML) 113 Page - Infineon Technologies AG

Back Button TLE9263QX Datasheet HTML 109Page - Infineon Technologies AG TLE9263QX Datasheet HTML 110Page - Infineon Technologies AG TLE9263QX Datasheet HTML 111Page - Infineon Technologies AG TLE9263QX Datasheet HTML 112Page - Infineon Technologies AG TLE9263QX Datasheet HTML 113Page - Infineon Technologies AG TLE9263QX Datasheet HTML 114Page - Infineon Technologies AG TLE9263QX Datasheet HTML 115Page - Infineon Technologies AG TLE9263QX Datasheet HTML 116Page - Infineon Technologies AG TLE9263QX Datasheet HTML 117Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 164 page
background image
Data Sheet
113
Rev. 1.1, 2014-09-26
TLE9263QX
Supervision Functions
VSHS Under Voltage
Detection Threshold
V
SHS,UVD
4.8
5.5
V
Supply UV
supervision for
LINx, HSx, and HS
of GPIOx;
hysteresis included
P_15.10.30
VSHS Under Voltage
Detection hysteresis
V
SHS,UVD,hys
–
200
–
mV
5)
P_15.10.31
Over Temperature Shutdown5)
Thermal Prewarning
Temperature
T
jPW
125
145
165
°C
P_15.10.32
Thermal Shutdown TSD1
T
jTSD1
165
185
200
°C
P_15.10.33
Thermal Shutdown TSD2
T
jTSD2
165
185
200
°C
P_15.10.34
Thermal Shutdown
hysteresis
T
jTSD,hys
–
25
–
°C
P_15.10.68
Deactivation time after
thermal shutdown TSD2
t
TSD2
–1
–s
3)
P_15.10.35
1) It is ensured that the threshold
V
CC1,OV,r is always higher than the highest regulated VCC1 output voltage VCC1,out42.
2) The reset delay time will start when VCC1 crosses above the selected Vrtx threshold
3) Not subject to production test, tolerance defined by internal oscillator tolerance.
4) This time applies for all failure entries except a device thermal shutdown (TSD2 has a typ. 1s waiting time tTSD2)
5) Not subject to production test, specified by design.
Table 27
Electrical Specification (cont’d)
V
S = 5.5 V to 28 V; Tj = -40 °C to +150 °C; SBC Normal Mode; all voltages with respect to ground; positive current
defined flowing into pin; unless otherwise specified.
Parameter
Symbol
Values
Unit
Note /
Test Condition
Number
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com