Electronic Components Datasheet Search
  English  ▼

X  

TLE9263QX Datasheet(PDF) 114 Page - Infineon Technologies AG

Part # TLE9263QX
Description  Dedicated Data Sheets are available for the different product variants
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9263QX Datasheet(HTML) 114 Page - Infineon Technologies AG

Back Button TLE9263QX Datasheet HTML 110Page - Infineon Technologies AG TLE9263QX Datasheet HTML 111Page - Infineon Technologies AG TLE9263QX Datasheet HTML 112Page - Infineon Technologies AG TLE9263QX Datasheet HTML 113Page - Infineon Technologies AG TLE9263QX Datasheet HTML 114Page - Infineon Technologies AG TLE9263QX Datasheet HTML 115Page - Infineon Technologies AG TLE9263QX Datasheet HTML 116Page - Infineon Technologies AG TLE9263QX Datasheet HTML 117Page - Infineon Technologies AG TLE9263QX Datasheet HTML 118Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 164 page
background image
Data Sheet
114
Rev. 1.1, 2014-09-26
TLE9263QX
Serial Peripheral Interface
16
Serial Peripheral Interface
16.1
SPI Block Description
The 16-bit wide Control Input Word is read via the data input SDI, which is synchronized with the clock input CLK
provided by the microcontroller. The output word appears synchronously at the data output SDO (see Figure 55).
The transmission cycle begins when the chip is selected by the input CSN (Chip Select Not), LOW active. After
the CSN input returns from LOW to HIGH, the word that has been read is interpreted according to the content.
The SDO output switches to tristate status (high impedance) at this point, thereby releasing the SDO bus for other
use.The state of SDI is shifted into the input register with every falling edge on CLK. The state of SDO is shifted
out of the output register after every rising edge on CLK. The SPI of the SBC is not daisy chain capable.
Figure 55
SPI Data Transfer Timing (note the reversed order of LSB and MSB shown in this figure
compared to the register description)
0
0
+
1 2 3 4 5 6 7 8 9 10
15
1
+
0 1 2 3 4 5 6
11 12 13 14
7 8 9 10
15
CSN high to low: SDO is enabled. Status information transferred to output shift register
CSN low to high: data from shift register is transferred to output functions
SDI: will accept data on the falling edge of CLK signal
SDO: will change state on the rising edge of CLK signal
Actual status
11 12 13 14
Actual data
New data
New status
SDO
SDI
CSN
CLK
time
time
time
time
ERR
ERR
-
0
+
1
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com