Electronic Components Datasheet Search
  English  ▼

X  

TLE9263QX Datasheet(PDF) 110 Page - Infineon Technologies AG

Part # TLE9263QX
Description  Dedicated Data Sheets are available for the different product variants
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9263QX Datasheet(HTML) 110 Page - Infineon Technologies AG

Back Button TLE9263QX Datasheet HTML 106Page - Infineon Technologies AG TLE9263QX Datasheet HTML 107Page - Infineon Technologies AG TLE9263QX Datasheet HTML 108Page - Infineon Technologies AG TLE9263QX Datasheet HTML 109Page - Infineon Technologies AG TLE9263QX Datasheet HTML 110Page - Infineon Technologies AG TLE9263QX Datasheet HTML 111Page - Infineon Technologies AG TLE9263QX Datasheet HTML 112Page - Infineon Technologies AG TLE9263QX Datasheet HTML 113Page - Infineon Technologies AG TLE9263QX Datasheet HTML 114Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 164 page
background image
Data Sheet
110
Rev. 1.1, 2014-09-26
TLE9263QX
Supervision Functions
15.9.2
Temperature Prewarning
As a next level of thermal protection a temperature prewarning is implemented if the main supply VCC1 reaches
the thermal prewarning temperature threshold TjPW. Then the status bit TPW is set. This bit can only be cleared
via SPI once the overtemperature is not present anymore. Independent of the SBC Mode the thermal prewarning
is only active if the VCC1 is ON.
15.9.3
SBC Thermal Shutdown
As a highest level of thermal protection a temperature shutdown of the SBC is implemented if the main supply
VCC1 reaches the thermal shutdown temperature threshold TjTSD2. Once a TSD2 event is detected SBC Fail-Safe
Mode is entered for tTSD2 to allow the device to cool down. After this time has expired, the SBC will automatically
change via SBC Restart Mode to SBC Normal Mode (see also Chapter 5.1.6).
When a TSD2 event is detected, then the status bit TSD2 is set. This bit can only be cleared via SPI in SBC Normal
Mode once the overtemperature is not present anymore. Independent of the SBC Mode the thermal shutdown is
only active if VCC1 is ON.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com