Electronic Components Datasheet Search
  English  ▼

X  

TPS60121 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60121
Description  REGULATED 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS60121 Datasheet(HTML) 5 Page - Texas Instruments

  TPS60121 Datasheet HTML 1Page - Texas Instruments TPS60121 Datasheet HTML 2Page - Texas Instruments TPS60121 Datasheet HTML 3Page - Texas Instruments TPS60121 Datasheet HTML 4Page - Texas Instruments TPS60121 Datasheet HTML 5Page - Texas Instruments TPS60121 Datasheet HTML 6Page - Texas Instruments TPS60121 Datasheet HTML 7Page - Texas Instruments TPS60121 Datasheet HTML 8Page - Texas Instruments TPS60121 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
TPS60120, TPS60121, TPS60122, TPS60123, TPS60124, TPS60125
REGULATED 200-mA HIGH EFFICIENCY CHARGE PUMP
DC/DC CONVERTERS
SLVS257B – NOVEMBER 1999 – REVISED AUGUST 2000
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
adaptive mode switching (continued)
The voltage on the flying capacitors is measured and compared with the supply voltage (VI). If the voltage across
the flying capacitors is smaller than half of the supply voltage, then the charge pump switches into the 1.5x
conversion-mode. The charge pump switches back from a 1.5x conversion-mode to a voltage doubler mode
if the load current in 1.5x conversion-mode can no longer be delivered.
With this control mode the device runs in doubler-mode at low VI and in 1.5x conversion-mode at high VI to
optimize the efficiency. The most desirable doubler mode is automatically selected depending on both VI and
IL. This means that at light loads the device selects the 1.5x conversion-mode already at smaller supply voltages
than at heavy loads.
The TPS6012x output voltage is regulated using the
ACTIVE-CYCLE regulation. An active cycle controlled
charge pump utilizes two methods to control the output voltage. At high load currents it varies the on resistances
of the internal switches and keeps the ratio ON/OFF time (=frequency) constant. That means the charge pump
runs at a fixed frequency. It also keeps the output voltage ripple as low as in linear-mode. At light loads the
internal resistance and also the amount of energy transferred per pulse is fixed and the charge pump regulates
the voltage by means of a variable ratio of ON-to-OFF time. In this operating point, it runs like a skip mode
controlled charge pump with a very high internal resistance, which also enables a low ripple in this operation
mode. Since the charge pump does effectively switch at lower frequencies at light loads, it achieves a low
quiescent current.
pulse-skip mode
In pulse-skip mode the error amplifier disables switching of the power stages when it detects an output higher
than the nominal output voltage. The oscillator halts and the IC then skips switching cycles until the output
voltage drops below the nominal output voltage. Then the error amplifier reactivates the oscillator and starts
switching the power stages again. The pulse-skip regulation mode minimizes operating current because it does
not switch continuously and deactivates all functions except bandgap reference, error amplifier, and
low-battery/power-good comparator when the output is higher than the nominal output voltage. When switching
is disabled from the error amplifier, the load is also isolated from the input. In pulse-skip mode, a special current
control circuitry limits the peak current. This assures moderate output voltage ripple and also prevents the
device from drawing excessive current spikes out of the battery.
start-up procedure
During start-up, i.e., when ENABLE is set from logic low to logic high, the output capacitor is charged up with
a limited current until the output voltage (VO) reaches 0.8 × VI. When the start-up comparator detects this voltage
limit, the IC begins switching. This start-up charging of the output capacitor ensures a short start-up time and
eliminates the need of a Schottky diode between IN and OUT. The IC starts into a maximum load resistance
of VO(nom)/IO(max).
shutdown
Driving ENABLE low places the device in shutdown mode. This disables all switches, the oscillator, and control
logic. The device typically draws 0.05
µA (1 µA max) of supply current in this mode. Leakage current drawn from
the output is as low as 1
µA max. The device exits shutdown once ENABLE is set to a high level. The typical
no-load shutdown exit time is 10
µs. When the device is in shutdown, the load is isolated from the input.
undervoltage lockout and short-circuit current limit
The TPS6012x devices have an undervoltage lockout feature that deactivates the device and places it in
shutdown mode when the input voltage falls below the typical threshold voltage of 1.6 V. During a short-circuit
condition at the output, the current is limited to 115 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com