Electronic Components Datasheet Search
  English  ▼

X  

TPS60121 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60121
Description  REGULATED 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS60121 Datasheet(HTML) 1 Page - Texas Instruments

  TPS60121 Datasheet HTML 1Page - Texas Instruments TPS60121 Datasheet HTML 2Page - Texas Instruments TPS60121 Datasheet HTML 3Page - Texas Instruments TPS60121 Datasheet HTML 4Page - Texas Instruments TPS60121 Datasheet HTML 5Page - Texas Instruments TPS60121 Datasheet HTML 6Page - Texas Instruments TPS60121 Datasheet HTML 7Page - Texas Instruments TPS60121 Datasheet HTML 8Page - Texas Instruments TPS60121 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
TPS60120, TPS60121, TPS60122, TPS60123, TPS60124, TPS60125
REGULATED 200-mA HIGH EFFICIENCY CHARGE PUMP
DC/DC CONVERTERS
SLVS257B – NOVEMBER 1999 – REVISED AUGUST 2000
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
features
D High Average Efficiency Over Input Voltage
Range Because of Special Switching
Topology
D Minimum 200-mA Output Current From an
Input Voltage Range of 1.8-V to 3.6-V
D Regulated 3.3-V or 3-V ±4% Output Voltage
D No Inductors Required, Low EMI
D Only Four External Components Required
D 55-µA Quiescent Supply Current
D 0.05-µA Shutdown Current
D Load Disconnected in Shutdown
D Integrated Low Battery and Power Good
Detectors
D Evaluation Module Available
(TPS60120EVM-142)
applications
D Applications Powered by Two Battery Cells
D Portable Instruments
D Battery-Powered Microprocessor Systems
D Miniature Equipment
D Backup-Battery Boost Converters
D PDAs, Organizers, Laptops
D MP-3 Portable Audio Players
D Handheld Instrumentation
D Medical Instruments (e.g., Glucose Meters)
D Cordless Phones
·
description
The TPS6012x step-up, regulated charge pumps
generate a 3.3-V or 3-V
±4% output voltage from
a 1.8-V to 3.6-V input voltage (two alkaline, NiCd,
or NiMH batteries). They can deliver an output
current of at least 200 mA (100 mA for the
TPS60122 and TPS60123), all from a 2-V input.
Four external capacitors are needed to build a
complete high efficiency dc/dc charge pump
converter. To achieve the high efficiency over a
wide input voltage range, the charge pump
automatically selects between a 1.5x or doubler
conversion mode. From a 2-V input, all ICs can
start with full load current.
The devices feature the power-saving pulse-skip
mode to extend battery life at light loads.
TPS60120, TPS60122, and TPS60124 include a
low battery comparator. TPS60121, TPS60123,
and TPS60125 feature a power-good output. The
logic shutdown function reduces the supply
current to a maximum of 1
µA and disconnects the
load from the input. Special current-control
circuitry prevents excessive current from being
drawn from the battery during start-up. This dc/dc
converter requires no inductors, therefore EMI is
of low concern. It is available in the small,
thermally enhanced 20-pin PowerPAD
t package
(PWP).
IO = 66 mA
0
10
20
30
40
50
60
70
80
90
100
1.8
2
2.2
2.4 2.6
2.8
3
3.2
3.4 3.6
VI – Input Voltage – V
IO = 164 mA
IO = 216 mA
IO = 116 mA
VO = 3.3 V
TC = 25°C
IN
IN
LBI
C1+
C1–
ENABLE
PGND GND
OUT
OUT
FB
LBO
C2+
C2–
CO
22
µF
Ci
10
µF
Output
3.3 V
C2
2.2
µF
C1
2.2
µF
R1
R2
Input
1.8 V to 3.6 V
OFF/ON
efficiency (TPS60120, TPS60121)
typical operating circuit
R3
TPS60120
Copyright
© 2000, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
PowerPAD is a trademark of Texas Instruments Incorporated.


Similar Part No. - TPS60121

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60121 TI-TPS60121 Datasheet
561Kb / 27P
REGULATED 3.3 V, 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60121 TI-TPS60121 Datasheet
1Mb / 39P
REGULATED 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60121 TI-TPS60121 Datasheet
513Kb / 24P
SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
TPS60121 TI1-TPS60121 Datasheet
1Mb / 29P
REGULATED 5-V,300 MA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60121 TI1-TPS60121 Datasheet
1,011Kb / 26P
SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
More results

Similar Description - TPS60121

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60120 TI-TPS60120 Datasheet
561Kb / 27P
REGULATED 3.3 V, 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60130 TI-TPS60130 Datasheet
476Kb / 23P
REGULATED 5-V, 300 mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
logo
Advanced Analog Technol...
AAT1501 AAT-AAT1501 Datasheet
122Kb / 10P
REGULATED CHARGE PUMP DC/DC CONVERTERS
V1.0
logo
Texas Instruments
TPS60120 TI-TPS60120_07 Datasheet
1Mb / 39P
REGULATED 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
logo
Advanced Analog Technol...
AAT1501 AAT-AAT1501_3 Datasheet
840Kb / 15P
REGULATED CHARGE PUMP DC/DC CONVERTERS
3.0
logo
Linear Technology
LTC1751 LINER-LTC1751_15 Datasheet
220Kb / 12P
Micropower, Regulated Charge Pump DC/DC Converters
LTC1751-3.3 LINER-LTC1751-3.3_15 Datasheet
220Kb / 12P
Micropower, Regulated Charge Pump DC/DC Converters
LTC1751-5 LINER-LTC1751-5_15 Datasheet
220Kb / 12P
Micropower, Regulated Charge Pump DC/DC Converters
logo
Texas Instruments
TPS60130 TI-TPS60130_15 Datasheet
1Mb / 29P
REGULATED 5-V,300 MA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60130 TI1-TPS60130_16 Datasheet
1Mb / 29P
REGULATED 5-V,300 MA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com