Electronic Components Datasheet Search
  English  ▼

X  

TPS60121 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60121
Description  REGULATED 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS60121 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS60121 Datasheet HTML 9Page - Texas Instruments TPS60121 Datasheet HTML 10Page - Texas Instruments TPS60121 Datasheet HTML 11Page - Texas Instruments TPS60121 Datasheet HTML 12Page - Texas Instruments TPS60121 Datasheet HTML 13Page - Texas Instruments TPS60121 Datasheet HTML 14Page - Texas Instruments TPS60121 Datasheet HTML 15Page - Texas Instruments TPS60121 Datasheet HTML 16Page - Texas Instruments TPS60121 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
TPS60120, TPS60121, TPS60122, TPS60123, TPS60124, TPS60125
REGULATED 200-mA HIGH EFFICIENCY CHARGE PUMP
DC/DC CONVERTERS
SLVS257B – NOVEMBER 1999 – REVISED AUGUST 2000
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 14
IO – Output Current – mA
TPS60122
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
3.30
3.31
3.32
3.33
3.34
3.35
3.36
3.37
3.38
3.39
3.40
10
0.1
1
10
100
VI = 1.8 V
VI = 2.4 V
VI = 2.7 V
VI = 3.6 V
Figure 15
10
0.1
1
10
100
1000
IO – Output Current – mA
TPS60124
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
2.9
2.92
2.94
2.96
2.98
3.00
3.02
3.04
3.06
3.08
3.10
VI = 1.8 V
VI = 2.4 V
VI = 2.7 V
VI = 3.6 V
Figure 16
3.05
3.10
3.15
3.20
3.25
3.30
3.35
3.40
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
VI – Input Voltage – V
1 mA
TPS60120
OUTPUT VOLTAGE
vs
INPUT VOLTAGE
50 mA
200 mA
100 mA
Figure 17
VI – Input Voltage – V
TPS60122
OUTPUT VOLTAGE
vs
INPUT VOLTAGE
3.30
3.32
3.34
3.36
3.38
3.40
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
1 mA
50 mA
100 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com