Electronic Components Datasheet Search
  English  ▼

X  

TPS60121 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60121
Description  REGULATED 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS60121 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS60121 Datasheet HTML 12Page - Texas Instruments TPS60121 Datasheet HTML 13Page - Texas Instruments TPS60121 Datasheet HTML 14Page - Texas Instruments TPS60121 Datasheet HTML 15Page - Texas Instruments TPS60121 Datasheet HTML 16Page - Texas Instruments TPS60121 Datasheet HTML 17Page - Texas Instruments TPS60121 Datasheet HTML 18Page - Texas Instruments TPS60121 Datasheet HTML 19Page - Texas Instruments TPS60121 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
TPS60120, TPS60121, TPS60122, TPS60123, TPS60124, TPS60125
REGULATED 200-mA HIGH EFFICIENCY CHARGE PUMP
DC/DC CONVERTERS
SLVS257B – NOVEMBER 1999 – REVISED AUGUST 2000
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
–0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
–0.2 –0.1 0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
t – Time (Start-Up Timing – ms
VO – V
VI = 2.4 V
RLOAD = 16.5 Ω
ENABLE – V
TPS60120
OUTPUT VOLTAGE
vs
TIME
(START-UP TIMING)
Figure 26
APPLICATION INFORMATION
capacitor selection
The TPS6012x charge pumps require only four external capacitors as shown in the basic application circuit.
Their values and types are closely linked to the output current and output noise/ripple requirements. For lowest
noise and ripple, low ESR (< 0.1
Ω) capacitors should be used for input and output capacitors.
The input capacitor improves system efficiency by reducing the input impedance. It also stabilizes the input
current of the power source. The input capacitor should be chosen according to the power supply used and the
distance from the power source to the converter IC. The input capacitor also has an impact on the output ripple
requirements. The lower the ESR of the input capacitor Ci, the lower is the output ripple. Ci is recommended
to be about two to four times as large as C(xF).
The output capacitor (CO) can be selected from 5-times to 50-times larger than C(xF), depending on the ripple
tolerance. The larger CO and the lower its ESR, the lower will be the output voltage ripple. Ci and CO can be
either ceramic or low-ESR tantalum; aluminum capacitors are not recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com