Electronic Components Datasheet Search
  English  ▼

X  

TPS60121 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60121
Description  REGULATED 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS60121 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TPS60121 Datasheet HTML 15Page - Texas Instruments TPS60121 Datasheet HTML 16Page - Texas Instruments TPS60121 Datasheet HTML 17Page - Texas Instruments TPS60121 Datasheet HTML 18Page - Texas Instruments TPS60121 Datasheet HTML 19Page - Texas Instruments TPS60121 Datasheet HTML 20Page - Texas Instruments TPS60121 Datasheet HTML 21Page - Texas Instruments TPS60121 Datasheet HTML 22Page - Texas Instruments TPS60121 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
TPS60120, TPS60121, TPS60122, TPS60123, TPS60124, TPS60125
REGULATED 200-mA HIGH EFFICIENCY CHARGE PUMP
DC/DC CONVERTERS
SLVS257B – NOVEMBER 1999 – REVISED AUGUST 2000
19
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
board layout
Careful board layout is necessary due to the high transient currents and switching frequency of the converter.
All capacitors should be soldered in close proximity to the IC. Connect ground and power ground pins through
a short, low-impedance trace. A PCB layout proposal for a two-layer board is given in Figure 27. The bottom
layer of the board carries only ground potential for best performance.
An evaluation module for the TPS60120 is available and can be ordered under product code
TPS60120EVM–142. The EVM uses the layout shown in Figure 27. The layout also provides improved thermal
performance as the exposed leadframe of the PowerPAD package can be soldered to the PCB.
Figure 27. Recommended PCB Layout for
TPS6012X
Figure 28. Component Placement
Table 5. Component Identification
IC1
TPS6012x
C1, C2
Flying capacitors
C3, C6
Input capacitors
C4, C5
Output capacitors
C7
Stabilization capacitor for LBI
R1, R2
Resistive divider for LBI
R3
Pullup resistor for LBO
The best performance of the converter is achieved with the additional bypass capacitors C5 and C6 at input and
output. Capacitor C7 should be included if the large line transients are expected. The capacitors are not
required. They can be omitted in most applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com