Electronic Components Datasheet Search
  English  ▼

X  

TPS60121 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60121
Description  REGULATED 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS60121 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS60121 Datasheet HTML 17Page - Texas Instruments TPS60121 Datasheet HTML 18Page - Texas Instruments TPS60121 Datasheet HTML 19Page - Texas Instruments TPS60121 Datasheet HTML 20Page - Texas Instruments TPS60121 Datasheet HTML 21Page - Texas Instruments TPS60121 Datasheet HTML 22Page - Texas Instruments TPS60121 Datasheet HTML 23Page - Texas Instruments TPS60121 Datasheet HTML 24Page - Texas Instruments TPS60121 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
TPS60120, TPS60121, TPS60122, TPS60123, TPS60124, TPS60125
REGULATED 200-mA HIGH EFFICIENCY CHARGE PUMP
DC/DC CONVERTERS
SLVS257B – NOVEMBER 1999 – REVISED AUGUST 2000
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
TPS6012x operated with ultralow quiescent current
Because the output of the TPS6012x is isolated from the input when the devices are disabled, and because the
internal resistive divider is disconnected in shutdown, an ultralow quiescent current mode can be implemented.
In this mode, the output voltage is sustained because the converter is periodically enabled to refresh the output
capacitor. The necessary external control signal that is applied to the ENABLE pin is generated from a
microcontroller like the ultralow power microcontroller MSP430. For a necessary supply current for the system
of 1 mA and a minimum supply voltage of 3 V with a 22-
µF output capacitor, the refresh has to be done after
a maximum of 3.5 ms. Longer refresh periods can be achieved with a larger output capacitor.
IN
IN
LBI
C1+
C1–
ENABLE
PGND GND
OUT
OUT
FB
LBO
C2+
C2–
C2
22
µF
Ci
10
µF
Output
3.3 V, 100 mA
C2
2.2
µF
C1
2.2
µF
R1
R2
Input
1.8 V to 3.6 V
ON
OFF
C3
1
µF
R4
1 M
Ω
R3
1 M
Ω
I
O
MCU
e.g.
MSP430
TPS60122
Figure 30. TPS60122 in UltraLow Quiescent Current Mode
regulated discharge of the output capacitors after disabling of the TPS6012x
During shutdown of the charge pump TPS6012x, the output is isolated from the input. Therefore, the discharging
of the output capacitor depends on the load and on the leakage current of the capacitor. In certain applications
it is necessary to completely remove the supply voltage from the load in shutdown mode. That means the output
capacitor of the charge pump has to be actively discharged when the charge pump is disabled. Figure 31 shows
one solution to this problem.
TPS601xx
OUT
IN
GND
ENABLE
+
CO
SN74AHC1G04
A
Y
VCC
GND
IN
ENABLE
GND
OUT
BSS138
Figure 31. Block Diagram of the Regulated Discharge of the Output Capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com