Electronic Components Datasheet Search
  English  ▼

X  

ASX340AT Datasheet(PDF) 58 Page - ON Semiconductor

Part # ASX340AT
Description  Color CMOS NTSC/PAL Digital Image
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASX340AT Datasheet(HTML) 58 Page - ON Semiconductor

Back Button ASX340AT Datasheet HTML 54Page - ON Semiconductor ASX340AT Datasheet HTML 55Page - ON Semiconductor ASX340AT Datasheet HTML 56Page - ON Semiconductor ASX340AT Datasheet HTML 57Page - ON Semiconductor ASX340AT Datasheet HTML 58Page - ON Semiconductor ASX340AT Datasheet HTML 59Page - ON Semiconductor ASX340AT Datasheet HTML 60Page - ON Semiconductor ASX340AT Datasheet HTML 61Page - ON Semiconductor ASX340AT Datasheet HTML 62Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 75 page
background image
ASX340AT/D Rev. H, 8/15 EN
58
©Semiconductor Components Industries, LLC, 2015.
ASX340CS: 1/4-Inch Color CMOS NTSC/PAL Digital Image Sensor
Modes and Timing
Configuration Timing
During start-up, the Dout_LSB0, LV and FV are sampled. Setup and hold timing for the
RESET_BAR signal with respect to DOUT_LSB0, LV, and FV are shown in Figure 38 and
Table 31. These signals are sampled once by the on-chip firmware, which yields a long
t
HOLD
time.
Figure 38:
Configuration Timing
Note:
Table data is based on EXTCLK = 27 MHz.
Table 31:
Configuration Timing
Signal
Parameter
Min
Typ
Max
Unit
DOUT_LSB0, FRAME_VALID, LINE_VALID
t
SETUP
0
s
t
HOLD
50
s
tSETUP
tHOLD
Valid Data
RESET_BAR
DOUT_LSB0
FRAME_VALID
LINE_VALID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com