Electronic Components Datasheet Search
  English  ▼

X  

ASX340AT Datasheet(PDF) 8 Page - ON Semiconductor

Part # ASX340AT
Description  Color CMOS NTSC/PAL Digital Image
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASX340AT Datasheet(HTML) 8 Page - ON Semiconductor

Back Button ASX340AT Datasheet HTML 4Page - ON Semiconductor ASX340AT Datasheet HTML 5Page - ON Semiconductor ASX340AT Datasheet HTML 6Page - ON Semiconductor ASX340AT Datasheet HTML 7Page - ON Semiconductor ASX340AT Datasheet HTML 8Page - ON Semiconductor ASX340AT Datasheet HTML 9Page - ON Semiconductor ASX340AT Datasheet HTML 10Page - ON Semiconductor ASX340AT Datasheet HTML 11Page - ON Semiconductor ASX340AT Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 75 page
background image
ASX340AT/D Rev. H, 8/15 EN
8
©Semiconductor Components Industries, LLC, 2015.
ASX340CS: 1/4-Inch Color CMOS NTSC/PAL Digital Image Sensor
Architecture
System Block Diagram
The system block diagram will depend on the application. The system block diagram in
Figure 2 shows all components; optional peripheral components are highlighted.
Control information will be received by a microcontroller through the automotive bus to
communicate with the ASX340AT through its two-wire serial bus. Optional components
will vary by application.
Figure 2:
System Block Diagram
SPI
Serial Data
EEPROM/Flash
1KB - 16MB
LP Filter
DAC _POS
μC
2WIRE I/F
Composite
Video
PAL /NTSC
EXTCLK
System Bus
2.35k
Ω
DAC_REF
DAC _NEG
Optional
XTAL
37.5Ω
RESET_BAR
FRAME _SYNC
PIXCLK
FRAME_VALID
LINE_VALID
CCIR 656/
GPO
DOUT_LSB0, 1
DOUT[7:0]
VDD (1.8V )
VAA (2.8V)
VAA _PIX (2.8V)
2.8V
VDD_IO (2.8V)
.
VDD_PLL (2.8V)
.
VDD_DAC (2.8V)
VREG_BASE
18 pF - NPO
27.000 MHz
18 pF - NPO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com