Electronic Components Datasheet Search
  English  ▼

X  

ASX340AT Datasheet(PDF) 70 Page - ON Semiconductor

Part # ASX340AT
Description  Color CMOS NTSC/PAL Digital Image
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASX340AT Datasheet(HTML) 70 Page - ON Semiconductor

Back Button ASX340AT Datasheet HTML 66Page - ON Semiconductor ASX340AT Datasheet HTML 67Page - ON Semiconductor ASX340AT Datasheet HTML 68Page - ON Semiconductor ASX340AT Datasheet HTML 69Page - ON Semiconductor ASX340AT Datasheet HTML 70Page - ON Semiconductor ASX340AT Datasheet HTML 71Page - ON Semiconductor ASX340AT Datasheet HTML 72Page - ON Semiconductor ASX340AT Datasheet HTML 73Page - ON Semiconductor ASX340AT Datasheet HTML 74Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 75 page
background image
ASX340AT/D Rev. H, 8/15 EN
70
©Semiconductor Components Industries, LLC, 2015.
ASX340CS: 1/4-Inch Color CMOS NTSC/PAL Digital Image Sensor
Electrical Specifications
Two-Wire Serial Bus Timing
Figure 49 and Table 48 describe the timing for the two-wire serial interface.
Figure 49:
Two-Wire Serial Bus Timing Parameters
Notes:
1. This table is based on I2C standard (v2.1 January 2000). Philips Semiconductor.
2. Two-wire control is I2C-compatible.
3. All values referred to VIHmin = 0.9 VDD and VILmax = 0.1VDD levels. Sensor EXCLK = 27 MHz.
4. A device must internally provide a hold time of at least 300 ns for the SDATA signal to bridge the
undefined region of the falling edge of SCLK.
5. The maximum tHD;DAT has only to be met if the device does not stretch the LOW period (tLOW) of
the SCLK signal.
6. A Fast-mode I2C-bus device can be used in a Standard-mode I2C-bus system, but the requirement
tSU;DAT 250 ns must then be met. This will automatically be the case if the device does not stretch
the LOW period of the SCLK signal. If such a device does stretch the LOW period of the SCLK signal, it
Table 48:
Two-Wire Serial Bus Characteristics
fEXTCLK = 27 MHz; VDD = 1.8V; VDD_IO = 2.8V; VAA = 2.8V; VAA_PIX = 2.8V;
VDD_PLL = 2.8V; VDD_DAC = 2.8V; TA = 25°C
Parameter
Symbol
Standard Mode
Fast Mode
Unit
Min
Max
Min
Max
SCLK Clock Frequency
fSCL
0100
0
400
KHz
Hold time (repeated) START condition.
After this period, the first clock pulse is
generated
tHD;STA
4.0
-
0.6
-
s
LOW period of the SCLK clock
tLOW
4.7
-
1.3
-
s
HIGH period of the SCLK clock
tHIGH
4.0
-
0.6
-
s
Set-up time for a repeated START condition
tSU;STA
4.7
-
0.6
-
s
Data hold time
tHD;DAT
04
3.455
06
0.95
s
Data set-up time
tSU;DAT
250
-
1006
-
ns
Rise time of both SDATA and SCLK signals
tr
-
1000
20 + 0.1Cb7
300
ns
Fall time of both SDATA and SCLK signals
tf
-
300
20 +
0.1Cb7
300
ns
Set-up time for STOP condition
tSU;STO
4.0
-
0.6
-
s
Bus free time between a STOP and START
condition
tBUF
4.7
-
1.3
-
s
Capacitive load for each bus line
Cb
-
400
-
400
pF
Serial interface input pin capacitance
CIN_SI
-
3.3
-
3.3
pF
SDATA max load capacitance
CLOAD_SD
-
30
-
30
pF
SDATA pull-up resistor
RSD
1.5
4.7
1.5
4.7
K
S
Sr
tSU;STO
tSU;STA
tHD;STA
tHIGH
tLOW
tSU;DAT
tHD;DAT
tf
SDATA
SCLK
P
S
tBUF
tr
tf
tr
tHD;STA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com