Electronic Components Datasheet Search
  English  ▼

X  

ASX340AT Datasheet(PDF) 62 Page - ON Semiconductor

Part # ASX340AT
Description  Color CMOS NTSC/PAL Digital Image
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASX340AT Datasheet(HTML) 62 Page - ON Semiconductor

Back Button ASX340AT Datasheet HTML 58Page - ON Semiconductor ASX340AT Datasheet HTML 59Page - ON Semiconductor ASX340AT Datasheet HTML 60Page - ON Semiconductor ASX340AT Datasheet HTML 61Page - ON Semiconductor ASX340AT Datasheet HTML 62Page - ON Semiconductor ASX340AT Datasheet HTML 63Page - ON Semiconductor ASX340AT Datasheet HTML 64Page - ON Semiconductor ASX340AT Datasheet HTML 65Page - ON Semiconductor ASX340AT Datasheet HTML 66Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 75 page
background image
ASX340AT/D Rev. H, 8/15 EN
62
©Semiconductor Components Industries, LLC, 2015.
ASX340CS: 1/4-Inch Color CMOS NTSC/PAL Digital Image Sensor
Electrical Specifications
Electrical Specifications
Figure 45:
SPI Output Timing
Caution
Stresses greater than those listed in Table 37 may cause permanent damage to the device.
This is a stress rating only, and functional operation of the device at these or any other con-
ditions above those indicated in the operational sections of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect reliabil-
ity.
Note:
“Rating” column gives the maximum and minimum values that the device can tolerate.
Table 36:
SPI Data Setup and Hold Timing
Parameter
Description
Min
Typ
Max
Units
fSPI_SCLK
SPI_SCLK Frequency
1.6875
4.5
18
MHz
tsu
Setup time
–
–
110
ns
tSCLK_SDO
Hold time
110
ns
tCS_SCLK
Delay from falling edge of SPI_CS_N to rising edge of SPI_SCLK
–
230
–
ns
Table 37:
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
Min
Max
VDD
Digital power (1.8V)
-0.3
2.4
V
VDD_IO
I/O power (2.8v)
-0.3
4
V
VAA
VAA analog power (2.8V)
-0.3
4
V
VAA_PIX
Pixel array power (2.8v)
-0.3
4
V
VDD_PLL
PLL power (2.8V)
-0.3
4
V
VDD_DAC
DAC power (2.8V)
-0.3
4
V
VIN
DC Input Voltage
-0.3
VDD_IO+0.3
V
VOUT
DC Output Voltage
-0.3
VDD_IO+0.3
V
TSTG
Storage temperature
-50
150
°C
t su
SPI_CS_N
SPI_SCLK
SPI_SDI
SPI_SDO
t
CS_SCLK
t
SCLK_SDO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com