Electronic Components Datasheet Search
  English  ▼

X  

ASX340AT Datasheet(PDF) 14 Page - ON Semiconductor

Part # ASX340AT
Description  Color CMOS NTSC/PAL Digital Image
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASX340AT Datasheet(HTML) 14 Page - ON Semiconductor

Back Button ASX340AT Datasheet HTML 10Page - ON Semiconductor ASX340AT Datasheet HTML 11Page - ON Semiconductor ASX340AT Datasheet HTML 12Page - ON Semiconductor ASX340AT Datasheet HTML 13Page - ON Semiconductor ASX340AT Datasheet HTML 14Page - ON Semiconductor ASX340AT Datasheet HTML 15Page - ON Semiconductor ASX340AT Datasheet HTML 16Page - ON Semiconductor ASX340AT Datasheet HTML 17Page - ON Semiconductor ASX340AT Datasheet HTML 18Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 75 page
background image
ASX340AT/D Rev. H, 8/15 EN
14
©Semiconductor Components Industries, LLC, 2015.
ASX340CS: 1/4-Inch Color CMOS NTSC/PAL Digital Image Sensor
SOC Description
SOC Description
Detailed Architecture Overview
Sensor Core
The sensor consists of a pixel array, an analog readout chain, a 10-bit ADC with programmable
gain and black offset, and timing and control as illustrated in Figure 4.
Figure 4:
Sensor Core Block Diagram
Pixel Array Structure
The sensor core pixel array is configured as 728 columns by 560 rows, as shown in
Figure 5.
Figure 5:
Pixel Array Description
Black rows used internally for automatic black level adjustment are not addressed by
default, but can be read out in raw output mode via a register setting.
There are 728 columns by 560 rows of optically-active pixels (that is, clear pixels) that
include a pixel boundary around the VGA (640 x 480) image to avoid boundary effects
during color interpolation and correction. Among the 728 columns by 560 rows of clear
Communication
Bus
to IFP
10-Bit Data
to IFP
Sync
Signals
Clock
Control Register
Analog Processing
Active Pixel
Sensor (APS)
Array
Timing and Control
ADC
demosaic rows
demosaic rows
Active pixel array
640 x 480
(not to scale)
Pixel logical address = (727, 559)
Pixel logical address = (0, 0)
lens alignment rows
lens alignment rows
(0, 0)
(40, 36)
(687, 523)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com