Electronic Components Datasheet Search
  English  ▼

X  

ASX340AT Datasheet(PDF) 66 Page - ON Semiconductor

Part # ASX340AT
Description  Color CMOS NTSC/PAL Digital Image
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASX340AT Datasheet(HTML) 66 Page - ON Semiconductor

Back Button ASX340AT Datasheet HTML 62Page - ON Semiconductor ASX340AT Datasheet HTML 63Page - ON Semiconductor ASX340AT Datasheet HTML 64Page - ON Semiconductor ASX340AT Datasheet HTML 65Page - ON Semiconductor ASX340AT Datasheet HTML 66Page - ON Semiconductor ASX340AT Datasheet HTML 67Page - ON Semiconductor ASX340AT Datasheet HTML 68Page - ON Semiconductor ASX340AT Datasheet HTML 69Page - ON Semiconductor ASX340AT Datasheet HTML 70Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 75 page
background image
ASX340AT/D Rev. H, 8/15 EN
66
©Semiconductor Components Industries, LLC, 2015.
ASX340CS: 1/4-Inch Color CMOS NTSC/PAL Digital Image Sensor
Electrical Specifications
NTSC Signal Parameters
Notes:
1. Black and white levels are referenced to the blanking level.
2. NTSC convention standardized by the IRE (1 IRE = 7.14mV).
3. Encoder contrast setting R0x3C0A[5:4] = 0.
4. DAC ref=2.8k, load = 37.5
Table 44:
NTSC Signal Parameters
fEXTCLK = 27 MHz; VDD = 1.8V; VDD_IO = 2.8V; VAA = 2.8V; VAA_PIX = 2.8V;
VDD_PLL = 2.8V; VDD_DAC = 2.8V
Parameter
Conditions
Min
Typ
Max
Units
Notes
Line Frequency
15734.25
15734.27
15734.28
Hz
Field Frequency
59.94
59.94
59.94
Hz
Sync Rise Time
111
148
222
ns
Sync Fall Time
111
148
222
ns
Sync Width
4.6
4.74
4.8
s
Sync Level
39
40
41
IRE
2, 4
Burst Level
36
40
44
IRE
2, 4
Sync to Setup
(with pedestal off)
9.2
9.5
10.3
s
Sync to Burst Start
4.71
5.3
5.71
s
Front Porch
1.27
1.7
2.22
s
Black Level
5
7.5
10
IRE
1, 2, 4
White Level
90
100
110
IRE
1, 2, 3, 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com