Electronic Components Datasheet Search
  English  ▼

X  

TPS65276RHHT Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS65276RHHT
Description  4.5-V TO 18-V INPUT VOLTAGE, 6-A/3.5-A DUAL SYNCHRONOUS STEP-DOWN CONVERTER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65276RHHT Datasheet(HTML) 4 Page - Texas Instruments

  TPS65276RHHT Datasheet HTML 1Page - Texas Instruments TPS65276RHHT Datasheet HTML 2Page - Texas Instruments TPS65276RHHT Datasheet HTML 3Page - Texas Instruments TPS65276RHHT Datasheet HTML 4Page - Texas Instruments TPS65276RHHT Datasheet HTML 5Page - Texas Instruments TPS65276RHHT Datasheet HTML 6Page - Texas Instruments TPS65276RHHT Datasheet HTML 7Page - Texas Instruments TPS65276RHHT Datasheet HTML 8Page - Texas Instruments TPS65276RHHT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
EN1
PGND2
PGND2
PVIN2
PVIN2
ISHARE
MODE
V7V
VIN
PVIN1
EN2
PVIN1
FB2
RLIM2
BST2
LX2
LX2
SS2
COMP2
AGND
ROSC
COMP1
SS1
LX1
PGND1
PGND1
LX1
BST1
1
2
3
5
6
7
8
9
10
11
12
13
14
28
29
30
31
32
21
22
23
24
25
26
27
19
20
L1
4.7uH
C19
47nF
Power Ground
Analog Ground
C22
C9 1uF
R15
100K
C14
10uF
DVCC
R23
C23
VIN
4.5V~18V
RLIM1
FB1
17
18
PGOOD1
PGOOD2
15
16
Power Pad
4
C20
4x22uF
R17
R18
C18
C3
10uF
R2
100K
R1
100K
L2
4. 7uH
C30
47nF
R24
33
Io=7A
V7V
TPS65276
SLVSC83A – AUGUST 2013 – REVISED DECEMBER 2013
www.ti.com
Figure 2. Share Mode Operation to Deliver 7 A
4
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS65276



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com