Electronic Components Datasheet Search
  English  ▼

X  

TPS65276RHHT Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS65276RHHT
Description  4.5-V TO 18-V INPUT VOLTAGE, 6-A/3.5-A DUAL SYNCHRONOUS STEP-DOWN CONVERTER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65276RHHT Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS65276RHHT Datasheet HTML 9Page - Texas Instruments TPS65276RHHT Datasheet HTML 10Page - Texas Instruments TPS65276RHHT Datasheet HTML 11Page - Texas Instruments TPS65276RHHT Datasheet HTML 12Page - Texas Instruments TPS65276RHHT Datasheet HTML 13Page - Texas Instruments TPS65276RHHT Datasheet HTML 14Page - Texas Instruments TPS65276RHHT Datasheet HTML 15Page - Texas Instruments TPS65276RHHT Datasheet HTML 16Page - Texas Instruments TPS65276RHHT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
3.19
3.20
3.21
3.22
3.23
3.24
3.25
0
1
2
3
4
5
6
Loading (A)
Forced PWM
Auto PSM-PWM
4.75
4.80
4.85
4.90
4.95
0
1
2
3
4
5
6
Loading (A)
Forced PWM
Auto PSM-PWM
0.77
0.78
0.79
0.80
0.81
0
1
2
3
4
5
6
Loading (A)
Forced PWM
Auto PSM-PWM
1.76
1.77
1.78
1.79
1.80
1.81
0
1
2
3
4
5
6
Loading (A)
Forced PWM
Auto PSM-PWM
C012
0
10
20
30
40
50
60
70
80
90
100
0
0.1
0.2
0.3
0.4
0.5
Loading (A)
Forced PWM
Auto PSM-PWM
0
10
20
30
40
50
60
70
80
90
100
0
1
2
3
4
5
Loading (A)
Forced PWM
Auto PSM-PWM
C009
TPS65276
www.ti.com
SLVSC83A – AUGUST 2013 – REVISED DECEMBER 2013
TYPICAL CHARACTERISTICS (continued)
TA = 25°C, VIN = 12 V, fSW = 625 kHz (unless otherwise noted)
Figure 9. 5-V Efficiency
Figure 10. 5-V Efficiency, Light Load
VIN = 12 V, VOUT = 5 V
VIN = 12 V, VOUT = 5 V
Figure 11. 0.8-V Load Regulation
Figure 12. 1.8-V Load Regulation
VIN = 12 V, VOUT = 0.8 V
VIN = 12 V, VOUT = 1.8 V
Figure 13. 3.3-V Load Regulation
Figure 14. 5-V Load Regulation
VIN = 12 V, VOUT = 3.3 V
VIN = 12 V, VOUT = 5 V
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TPS65276



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com