Electronic Components Datasheet Search
  English  ▼

X  

TPS65276RHHT Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS65276RHHT
Description  4.5-V TO 18-V INPUT VOLTAGE, 6-A/3.5-A DUAL SYNCHRONOUS STEP-DOWN CONVERTER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65276RHHT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS65276RHHT Datasheet HTML 4Page - Texas Instruments TPS65276RHHT Datasheet HTML 5Page - Texas Instruments TPS65276RHHT Datasheet HTML 6Page - Texas Instruments TPS65276RHHT Datasheet HTML 7Page - Texas Instruments TPS65276RHHT Datasheet HTML 8Page - Texas Instruments TPS65276RHHT Datasheet HTML 9Page - Texas Instruments TPS65276RHHT Datasheet HTML 10Page - Texas Instruments TPS65276RHHT Datasheet HTML 11Page - Texas Instruments TPS65276RHHT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
TPS65276
SLVSC83A – AUGUST 2013 – REVISED DECEMBER 2013
www.ti.com
TERMINAL FUNCTIONS
NO.
NO.
NAME
DESCRIPTION
(HTSSOP)
(QFN)
EN1, EN2
1, 2
32, 33
Enable pin. Adjust the input under-voltage lockout with two resistors.
PGND2
3, 4
34, 35, 36
Power ground of buck2, place the input capacitor’s ground pin as close
as possible to this pin.
PVIN2
5, 6
1, 2
Power input. Input power supply to the power switches of the power
converter 2.
ISHARE
7
3
Logic pin to configure current sharing mode, tie to high to parallel two
buck converters, in current sharing mode, buck1 will be used; tie to low to
run in separate mode.
MODE
8
4
Connecting this pin to ground, the buck converter forces a continuous
current mode (CCM) operation. Connecting this pin to V7V, the buck
converter automatically operates in pulse skipping mode (PSM) at light
load condition to save the power.
V7V
9
5
Internal low-drop linear regulator (LDO) output to power internal driver
and control circuits. Decouple this pin to power ground with a minimum
1-µF ceramic capacitor. Output regulates to typical 6.3 V for optimal
conduction on-resistances of internal power MOSFETs. In PCB design,
the power ground and analog ground should have one-point common
connection at the (-) terminal of V7V bypass capacitor. If VIN is lower
than 6.3 V, V7V will be slightly lower than VIN.
VIN
10
6
Power supply of the internal LDO and controllers
PVIN1
11, 12
7, 8
Power input. Input power supply to the power switches of the power
converter 1.
PGND1
13, 14
9, 10, 11
Power ground of buck1, place the input capacitor’s ground pin as close
as possible to this pin.
PGOOD1
15
12
Power Good pin for buck1, open drain output, when output is within
range, output high impedance, a 100-k
Ω resistor is recommended to
connect to this pin.
PGOOD2
16
13
Power Good pin for buck2, open drain output, when output is within
range, output high impedance, a 100-k
Ω resistor is recommended to
connect to this pin. In current sharing mode, float this pin.
FB1
17
14
Feedback sensing pin for buck1 output voltage. Connect this pin to the
resistor divider of buck1 output. The feedback reference voltage is 0.6 V
±1%.
RLIM1
18
15
Current limit threshold set pin for buck1, connect a resistor between this
pin to GND to set the OCP.
BST1
19
16
Add a bootstrap capacitor between BST1 and LX1. The voltage on this
capacitor carries the gate drive voltage for the high-side MOSFET.
LX1
20, 21
17, 18, 19
Switching node of buck1
SS1
22, 27
20, 25
Soft-start and voltage tracking in buck1. An external capacitor connected
to this pin sets the internal voltage reference rise time. Since the voltage
on this pin overrides the internal reference, it can be used for tracking and
sequencing. In current sharing application, this pin serves as the soft-start
pin.
COMP1
23
21
Error amplifier output and loop compensation pin for buck1. Connect
frequency compensation to this pin; In current sharing application, this pin
serves as the compensation pin.
ROSC
24
22
Oscillator frequency programmable pin. Connect an external resistor to
set the switching frequency. When connected to an external clock, the
internal oscillator synchronizes to the external clock.
AGND
25
23
Analog ground of the controllers
COMP2
26
24
Error amplifier output and loop compensation pin for buck2. Connect
frequency compensation to this pin. In current sharing application, float
this pin.
SS2
27
25
Soft-start and voltage tracking in buck2. An external capacitor connected
to this pin sets the internal voltage reference rise time. Since the voltage
on this pin overrides the internal reference, it can be used for tracking and
power sequencing. In current sharing application, float this pin.
LX2
28, 29
26, 27, 28
Switching nodes
8
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS65276



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com