Electronic Components Datasheet Search
  English  ▼

X  

TPS65276RHHT Datasheet(PDF) 20 Page - Texas Instruments

Part # TPS65276RHHT
Description  4.5-V TO 18-V INPUT VOLTAGE, 6-A/3.5-A DUAL SYNCHRONOUS STEP-DOWN CONVERTER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65276RHHT Datasheet(HTML) 20 Page - Texas Instruments

Back Button TPS65276RHHT Datasheet HTML 16Page - Texas Instruments TPS65276RHHT Datasheet HTML 17Page - Texas Instruments TPS65276RHHT Datasheet HTML 18Page - Texas Instruments TPS65276RHHT Datasheet HTML 19Page - Texas Instruments TPS65276RHHT Datasheet HTML 20Page - Texas Instruments TPS65276RHHT Datasheet HTML 21Page - Texas Instruments TPS65276RHHT Datasheet HTML 22Page - Texas Instruments TPS65276RHHT Datasheet HTML 23Page - Texas Instruments TPS65276RHHT Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
ROSC
ROSC
TPS65276
Mode
Selection
1.019
osc
sw
R
(k
)
45580 f
(kHz)
-
W =
×
TPS65276
SLVSC83A – AUGUST 2013 – REVISED DECEMBER 2013
www.ti.com
Figure 34. ROSC vs Switching Frequency
(4)
Synchronization
An internal phase locked loop (PLL) has been implemented to allow synchronization between 200 kHz and 1600
kHz, and to easily switch from Resistor mode to Synchronization mode.
To implement the synchronization feature, connect a square wave clock signal to the ROSC pin with a duty cycle
between 20% to 80%. The clock signal amplitude must transition lower than 0.8 V and higher than 2 V. The start
of the switching cycle is synchronized to the falling edge of ROSC pin.
In applications where both Resistor mode and Synchronization mode are needed, the device can be configured
as shown in Figure 35. Before the external clock is present, the device works in Resistor mode and the switching
frequency is set by ROSC resistor. When the external clock is present, the Synchronization mode overrides the
Resistor mode. The first time the ROSC pin is pulled above the ROSC high threshold (2 V), the device switches
from the Resistor mode to the Synchronization mode and the ROSC pin becomes high impedance as the PLL
starts to lock onto the frequency of the external clock. It is not recommended to switch from the Synchronization
mode back to the Resistor mode because the internal switching frequency drops to 100 kHz first before returning
to the switching frequency set by ROSC resistor.
Figure 35. Resistor Mode and Synchronization Mode
20
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS65276



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com