Electronic Components Datasheet Search
  English  ▼

X  

KAI-2001 Datasheet(PDF) 10 Page - ON Semiconductor

Part # KAI-2001
Description  Interline CCD Image Sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAI-2001 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button KAI-2001 Datasheet HTML 6Page - ON Semiconductor KAI-2001 Datasheet HTML 7Page - ON Semiconductor KAI-2001 Datasheet HTML 8Page - ON Semiconductor KAI-2001 Datasheet HTML 9Page - ON Semiconductor KAI-2001 Datasheet HTML 10Page - ON Semiconductor KAI-2001 Datasheet HTML 11Page - ON Semiconductor KAI-2001 Datasheet HTML 12Page - ON Semiconductor KAI-2001 Datasheet HTML 13Page - ON Semiconductor KAI-2001 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
KAI−2001
www.onsemi.com
10
IMAGING PERFORMANCE
Table 5. TYPICAL OPERATIONAL CONDITIONS
(Unless otherwise noted, the Imaging Performance Specifications are measured using the following conditions.)
Description
Condition
Notes
Frame Time
237 ms
1
Horizontal Clock Frequency
10 MHz
Light Source
Continuous Red, Green and Blue LED Illumination Centered at 450, 530 and 650 nm
2, 3
Operation
Nominal Operating Voltages and Timing
1. Electronic shutter is not used. Integration time equals frame time.
2. LEDs used: Blue: Nichia NLPB500, Green: Nichia NSPG500S and Red: HP HLMP−8115.
3. For monochrome sensor, only green LED used.
Specifications
Table 6. PERFORMANCE SPECIFICATIONS
Description
Symbol
Min.
Nom.
Max.
Unit
Sampling
Plan
Temperature
Tested at
(
5C)
ALL CONFIGURATIONS
Dark Center Uniformity
N/A
N/A
20
e− rms
Die
27, 40
Dark Global Uniformity
N/A
N/A
5.0
mVpp
Die
27, 40
Global Uniformity (Note 1)
N/A
2.5
5.0
% rms
Die
27, 40
Global Peak to Peak Uniformity
(Note 1)
PRNU
N/A
10
20
% pp
Die
27, 40
Center Uniformity (Note 1)
N/A
1.0
2.0
% rms
Die
27, 40
Maximum Photoresponse
Non-Linearity (Notes 2, 3)
NL
N/A
2
−
%
Design
Maximum Gain Difference between
Outputs (Notes 2, 3)
DG
N/A
10
−
%
Design
Max. Signal Error due to Non-Linearity
Dif. (Notes 2, 3)
DNL
N/A
1
−
%
Design
Horizontal CCD Charge Capacity
HNe
N/A
100
N/A
ke−
Design
Vertical CCD Charge Capacity
VNe
N/A
50
N/A
ke−
Die
Photodiode Charge Capacity
PNe
38
40
N/A
ke−
Die
Horizontal CCD Charge Transfer
Efficiency
HCTE
0.99999
N/A
N/A
Design
Vertical CCD Charge Transfer
Efficiency
VCTE
0.99999
N/A
N/A
Design
Photodiode Dark Current
IPD
N/A
N/A
40
0.01
350
0.1
e/p/s
nA/cm2
Die
27, 40
Vertical CCD Dark Current
IVD
N/A
N/A
400
0.12
1,711
0.5
e/p/s
nA/cm2
Die
27, 40
Image Lag
Lag
N/A
< 10
50
e−
Design
Anti-Blooming Factor
XAB
100
300
N/A
Design
Vertical Smear
Smr
N/A
80
75
dB
Design
Total Noise (Note 4)
ne−T
−
23
−
e− rms
Design
Total Noise (Note 5)
ne−T
−
40
−
e− rms
Design
Dynamic Range (Notes 5, 6)
DR
−
60
−
dB
Design
Output Amplifier DC Offset
VODC
4
8.5
14
V
Die



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com